Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4351 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4351
Description  192 kHz Stereo DAC with 2 Vrms Line Out
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4351 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4351 Datasheet HTML 12Page - Cirrus Logic CS4351 Datasheet HTML 13Page - Cirrus Logic CS4351 Datasheet HTML 14Page - Cirrus Logic CS4351 Datasheet HTML 15Page - Cirrus Logic CS4351 Datasheet HTML 16Page - Cirrus Logic CS4351 Datasheet HTML 17Page - Cirrus Logic CS4351 Datasheet HTML 18Page - Cirrus Logic CS4351 Datasheet HTML 19Page - Cirrus Logic CS4351 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
16
DS566F1
CS4351
4.3
Digital Interface Format
The device will accept audio samples in 1 of 4 digital interface formats in Stand-Alone mode, as illustrated
in Table 6, and 1 of 6 formats in Control Port mode, as illustrated in Table 7.
4.3.1
Stand-Alone Mode
The desired format is selected via the DIF1 and DIF0 pins. For an illustration of the required relationship
between the LRCK, SCLK and SDIN, see Figures 5 through 7. For all formats, SDIN is valid on the rising
edge of SCLK. Also, SCLK must have at least 32 cycles per LRCK period in format 2, and 48 cycles per
LRCK period in format 3.
4.3.2
Control Port Mode
The desired format is selected via the DIF2, DIF1 and DIF0 bits in the Mode Control 2 register (see section
Section 6.2.1). For an illustration of the required relationship between LRCK, SCLK and SDIN, see
Figures 5 through 7. For all formats, SDIN is valid on the rising edge of SCLK. Also, SCLK must have at
Sample Rate
(kHz)
MCLK (MHz)
256x
384x
512x
768x
1024x
1152x
32
8.1920
12.2880
16.3840
24.5760
32.7680
36.8640
44.1
11.2896
16.9344
22.5792
33.8688
45.1584
48
12.2880
18.4320
24.5760
36.8640
49.1520
Table 3. Single-Speed Mode Standard Frequencies
Sample Rate
(kHz)
MCLK (MHz)
128x
192x
256x
384x
512x
64
8.1920
12.2880
16.3840
24.5760
32.7680
88.2
11.2896
16.9344
22.5792
33.8688
45.1584
96
12.2880
18.4320
24.5760
36.8640
49.1520
Table 4. Double-Speed Mode Standard Frequencies
Sample Rate
(kHz)
MCLK (MHz)
64x
96x
128x
192x
256x
176.4
11.2896
16.9344
22.5792
33.8688
45.1584
192
12.2880
18.4320
24.5760
36.8640
49.1520
Table 5. Quad-Speed Mode Standard Frequencies
= Denotes clock modes which are NOT auto detected
DIF0
DIF1
DESCRIPTION
FORMAT
FIGURE
00
I2S, up to 24-bit Data
0
6
01
Left Justified, up to 24-bit Data
1
5
10
Right Justified, 24-bit Data
2
7
11
Right Justified, 16-bit Data
3
7
Table 6. Digital Interface Format - Stand-Alone Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com