Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4351 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4351
Description  192 kHz Stereo DAC with 2 Vrms Line Out
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4351 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4351 Datasheet HTML 14Page - Cirrus Logic CS4351 Datasheet HTML 15Page - Cirrus Logic CS4351 Datasheet HTML 16Page - Cirrus Logic CS4351 Datasheet HTML 17Page - Cirrus Logic CS4351 Datasheet HTML 18Page - Cirrus Logic CS4351 Datasheet HTML 19Page - Cirrus Logic CS4351 Datasheet HTML 20Page - Cirrus Logic CS4351 Datasheet HTML 21Page - Cirrus Logic CS4351 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
18
DS566F1
CS4351
4.4.1
Stand-Alone Mode
When pulled to VL the DEM pin activates the 44.1 kHz de-emphasis filter. When pulled to GND the DEM
pin turns off the de-emphasis filter.
4.4.2
Control Port Mode
The Mode Control bits selects either the 32, 44.1, or 48 kHz de-emphasis filter. Please see Section 6.2.2
for the desired de-emphasis control.
4.5
Recommended Power-Up Sequence
4.5.1
Stand-Alone Mode
1.
Hold RST low until the power supplies and configuration pins are stable, and the master and left/right
clocks are locked to the appropriate frequencies, as discussed in Section 4.2. In this state, the control
port is reset to its default settings, VQ will remain low, and VBIAS will be connected to VA.
2.
Bring RST high. The device will remain in a low power state with VQ low and will initiate the Stand-
Alone power-up sequence after approximately 512 LRCK cycles in Single-Speed Mode (1024 LRCK
cycles in Double-Speed Mode, and 2048 LRCK cycles in Quad-Speed Mode).
4.5.2
Control Port Mode
1.
Hold RST low until the power supply is stable, and the master and left/right clocks are locked to the
appropriate frequencies, as discussed in Section 4.2. In this state, the control port is reset to its
default settings, VQ will remain low, and VBIAS will be connected to VA.
2.
Bring RST high. The device will remain in a low power state with VQ low.
3.
Perform a control port write to the CP_EN bit prior to the completion of approximately 512 LRCK
cycles in Single-Speed Mode (1024 LRCK cycles in Double-Speed Mode, and 2048 LRCK cycles in
Quad-Speed Mode). The desired register settings can be loaded while keeping the PDN bit set to 1.
4.
Set the PDN bit to 0. This will initiate the power-up sequence, which lasts approximately 50 µs when
the POPG bit is set to 0. If the POPG bit is set to 1, see Section 4.6 for a complete description of
power-up timing.
4.6
Popguard® Transient Control
The CS4351 uses a novel technique to minimize the effects of output transients during power-up and power-
down. This technology, when used with external DC-blocking capacitors in series with the audio outputs,
minimizes the audio transients commonly produced by single-ended single-supply converters. It is activated
inside the DAC when the RST pin is toggled and requires no other external control, aside from choosing the
appropriate DC-blocking capacitors.
4.6.1
Power-Up
When the device is initially powered-up, the audio outputs, AOUTA and AOUTB, are clamped to GND.
Following a delay of approximately 1000 sample periods, each output begins to ramp toward the quies-
cent voltage. Approximately 10,000 LRCK cycles later, the outputs reach VQ and audio output begins.
This gradual voltage ramping allows time for the external DC-blocking capacitors to charge to the quies-
cent voltage, minimizing audible power-up transients.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com