Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD52070 Datasheet(PDF) 21 Page - Elite Semiconductor Memory Technology Inc.

Part # AD52070
Description  2x30W Stereo / 1x60W Mono Class-D Audio Amplifier With Low Idle Current and AGC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD52070 Datasheet(HTML) 21 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD52070 Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 20Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 21Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 22Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 23Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 24Page - Elite Semiconductor Memory Technology Inc. AD52070 Datasheet HTML 25Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
ESMT
AD52070
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2021
Revision: 1.1
21/33
655ms/dB in AGC mode-Medium or 1311ms/dB in AGC mode-Slow, which is the
predefined release time. The AGC gain adjustment is applied with a ramp speed
selectable by the LIMRATE pin setting.
Figure.1 Waveform of output signal without clipping by rail
Figure.2 Waveform of output signal with clipping by rail
Attack Time
Release Time
Figure.3 Waveform of output signal with AGC ON
Table 2. AGC and Power limit Setting
LIMRATE Voltage
Mode
AGC attack rate
TFB attack
rate
AGC/TFB
release rate
GVDD
Fast (AGC)
0.32 ms/dB
164 ms/dB
328 ms/dB
2/3*GVDD
Medium (AGC)
2.56 ms/dB
326 ms/dB
655 ms/dB
1/3*GVDD
Slow (AGC)
5.12 ms/dB
655 ms/dB
1311 ms/dB
GND
PLIMIT
Disable
Disable
Disable
AGC function can not only automatically adjust system gain, but also further limit output
power of the amplifier without clipping. Figure 4 shows the output waveform with AGC
function. The limiter threshold set by the PLIMT pin voltage.
Attack Time
Release Time
Figure.4 Waveform of output signal with AGC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com