Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD82088 Datasheet(PDF) 39 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82088
Description  2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82088 Datasheet(HTML) 39 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82088 Datasheet HTML 35Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 36Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 37Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 38Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 39Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 40Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 41Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 42Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 43Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
ESMT
AD82088
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2022
Revision: 2.4
39/84
 Address 0X03 : Master volume control
AD82088 supports both master-volume (Address 0X03) and channel-volume control (Address 0X04, 0X05,
0X06, 0X07, 0X08, 0X09) modes. Both volume control settings range from +12dB ~ -103dB and 0.5dB per
step. Note that the master volume control is added to the individual channel volume control as the total
volume control. For example, if the master volume level is set at, Level A (in dB unit) and the channel volume
level is set at Level B (in dB unit), the total volume control setting is equal to Level A plus with Level B.
-103dB ≦ Total volume ( Level A + Level B ) ≦ +24dB.
BIT
NAME
DESCRIPTION
VALUE
FUNCTION
BIT[7:0]
MV[7:0]
Master Volume
00000000
+12.0dB
00000001
+11.5dB
00000010
+11.0dB
︰
︰
00010111
+0.5dB
00011000
0.0dB
00011001
-0.5dB
︰
︰
11100110
-103.0dB
11100111
-∞dB
︰
︰
11111111
-∞dB
 Address 0X04 : Channel 1 volume
BIT
NAME
DESCRIPTION
VALUE
FUNCTION
BIT[7:0]
C1V[7:0]
Channel1 Volume
00000000
+12.0dB
00000001
+11.5dB
︰
︰
00010100
+2dB
︰
︰
00011000
0.0dB
00011001
-0.5dB
︰
︰
11100110
-103.0dB
11100111
-∞dB
︰
︰
11111111
-∞dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com