Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD82088 Datasheet(PDF) 46 Page - Elite Semiconductor Memory Technology Inc.

Part # AD82088
Description  2x20W Stereo / 1x40W Mono Digital Audio Amplifier With 30 bands EQ and DRC Functions
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

AD82088 Datasheet(HTML) 46 Page - Elite Semiconductor Memory Technology Inc.

Back Button AD82088 Datasheet HTML 42Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 43Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 44Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 45Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 46Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 47Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 48Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 49Page - Elite Semiconductor Memory Technology Inc. AD82088 Datasheet HTML 50Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 84 page
background image
ESMT
AD82088
Elite Semiconductor Microelectronics Technology Inc.
Publication Date: Oct. 2022
Revision: 2.4
46/84
 Address 0X15, 0X16, 0X17, 0X18 : DRC limiter attack/release rate
The AD82088 has 4 independent DRC set, each DRC has its own attack/release rate.
Address 0X15, 0X16, 0X17, and 0X18; where x=1, 2, 3, 4
BIT
NAME
DESCRIPTION
VALUE
FUNCTION
B[7:5]
LAx[3:0]
DRC attack rate
0000
3 dB/ms
0001
2.667 dB/ms
0010
2.182 dB/ms
0011
1.846 dB/ms
0100
1.333 dB/ms
0101
0.889 dB/ms
0110
0.4528 dB/ms
0111
0.2264 dB/ms
1000
0.15 dB/ms
1001
0.1121 dB/ms
1010
0.0902 dB/ms
1011
0.0752 dB/ms
1100
0.0645 dB/ms
1101
0.0563 dB/ms
1110
0.0501 dB/ms
1111
0.0451 dB/ms
B[3:0]
LRx[3:0]
DRC release rate
0000
0.5106 dB/ms
0001
0.1371 dB/ms
0010
0.0743 dB/ms
0011
0.0499 dB/ms
0100
0.0360 dB/ms
0101
0.0299 dB/ms
0110
0.0264 dB/ms
0111
0.0208 dB/ms
1000
0.0198 dB/ms
1001
0.0172 dB/ms
1010
0.0147 dB/ms
1011
0.0137 dB/ms
1100
0.0134 dB/ms
1101
0.0117 dB/ms
1110
0.0112 dB/ms
1111
0.0104 dB/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com