Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5342 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5342
Description  105 dB, 192 kHz, Multi-bit Audio A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5342 Datasheet(HTML) 5 Page - Cirrus Logic

  CS5342 Datasheet HTML 1Page - Cirrus Logic CS5342 Datasheet HTML 2Page - Cirrus Logic CS5342 Datasheet HTML 3Page - Cirrus Logic CS5342 Datasheet HTML 4Page - Cirrus Logic CS5342 Datasheet HTML 5Page - Cirrus Logic CS5342 Datasheet HTML 6Page - Cirrus Logic CS5342 Datasheet HTML 7Page - Cirrus Logic CS5342 Datasheet HTML 8Page - Cirrus Logic CS5342 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DS608F1
5
CS5342
ANALOG CHARACTERISTICS (CS5342-CZZ)
Test conditions (unless otherwise specified): Input test signal is a 1 kHz sine wave; measurement bandwidth is
10 Hz to 20 kHz.
6.
Referred to the typical full-scale input voltage.
Dynamic Performance for Commercial Grade
VA = 5 V
VA = 3.3 V
Single-Speed Mode
Fs = 48 kHz
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Dynamic Range
A-weighted
unweighted
99
96
105
102
-
-
96
93
102
99
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 6)
-1 dB
-20 dB
-60 dB
THD+N
-
-
-
-98
-82
-42
-92
-
-
-
-
-
-95
-79
-39
-89
-
-
dB
dB
dB
Double-Speed Mode
Fs = 96 kHz
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Dynamic Range
A-weighted
unweighted
40 kHz bandwidth unweighted
99
96
-
105
102
99
-
-
-
96
93
-
102
99
96
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 6)
-1 dB
-20 dB
-60 dB
40 kHz bandwidth
-1 dB
THD+N
-
-
-
-
-98
-82
-42
-95
-92
-
-
-
-
-
-
-
-95
-79
-39
-87
-89
-
-
-
dB
dB
dB
dB
Quad-Speed Mode
Fs = 192 kHz
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Dynamic Range
A-weighted
unweighted
40 kHz bandwidth unweighted
99
96
-
105
102
99
-
-
-
96
93
-
102
99
96
-
-
-
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 6)
-1 dB
-20 dB
-60 dB
40 kHz bandwidth
-1 dB
THD+N
-
-
-
-
-98
-82
-42
-95
-92
-
-
-
-
-
-
-
-95
-79
-39
-87
-89
-
-
-
dB
dB
dB
dB
Dynamic Performance All Modes
Min
Typ
Max
Unit
Interchannel Isolation
-
90
-
dB
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
dB
Gain Error
-3
-
+3
%
Gain Drift
-
±100
-
ppm/°C
Analog Input Characteristics
Full-Scale Input Voltage
0.54*VA
0.56*VA
0.58*VA
Vpp
Input Impedance
18
-
-
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com