Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5342 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS5342
Description  105 dB, 192 kHz, Multi-bit Audio A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5342 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS5342 Datasheet HTML 9Page - Cirrus Logic CS5342 Datasheet HTML 10Page - Cirrus Logic CS5342 Datasheet HTML 11Page - Cirrus Logic CS5342 Datasheet HTML 12Page - Cirrus Logic CS5342 Datasheet HTML 13Page - Cirrus Logic CS5342 Datasheet HTML 14Page - Cirrus Logic CS5342 Datasheet HTML 15Page - Cirrus Logic CS5342 Datasheet HTML 16Page - Cirrus Logic CS5342 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DS608F1
13
CS5342
3. TYPICAL CONNECTION DIAGRAM
Figure 17. Typical Connection Diagram
FILT+
V
0.1
µF
A/D CONVERTER
SCLK
CS5342
MCLK
VQ
1
µF
+
RST
VA
L
1
µF
2.5V to 5V
1
µF
+
+
SDOUT
GND
LRCK
Power Down
and Mode
Settings
Audio Data
Processor
Timing Logic
and Clock
0.1
µF
0.1
µF
0.1
µF
REFGND
1 µF
+
AINL
AI NR
3.3V to 5V
1
µF
+
0.1
µF
3.3V to 5V
Ω
5.1
VD
0.1
µF
Ω
10 k
VL or GND
Pull-up to VL for I
2S
Pull-down to GND for LJ
M0
M1
Analog Input Buffer
Figure 15
Resistor may only be
used if VD is derived from
VA. If used, do not drive any
other logic from VD
Capacitor value affects
low frequency distortion
performance as described
in Section 4.8
1
2
3
See Note 2 on page 4
4
4
4
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com