Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5376A-IQ Datasheet(PDF) 70 Page - Cirrus Logic

Part # CS5376A-IQ
Description  Low-power, Multi-channel Decimation Filter
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A-IQ Datasheet(HTML) 70 Page - Cirrus Logic

Back Button CS5376A-IQ Datasheet HTML 66Page - Cirrus Logic CS5376A-IQ Datasheet HTML 67Page - Cirrus Logic CS5376A-IQ Datasheet HTML 68Page - Cirrus Logic CS5376A-IQ Datasheet HTML 69Page - Cirrus Logic CS5376A-IQ Datasheet HTML 70Page - Cirrus Logic CS5376A-IQ Datasheet HTML 71Page - Cirrus Logic CS5376A-IQ Datasheet HTML 72Page - Cirrus Logic CS5376A-IQ Datasheet HTML 73Page - Cirrus Logic CS5376A-IQ Datasheet HTML 74Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 108 page
background image
CS5376A
70
DS612F3
Any GPIO pin can be used as an open-drain output
by setting the data value to 0, enabling the pull-up,
and using the GP_DIR direction bits to control the
pin value. This open-drain output configuration
uses the internal pull-up resistor to hold the pin
high when GP_DIR is set as an input, and drives the
pin low when GP_DIR is set as an output.
19.5.1 GPIO Reads in Output Mode
When reading GPIO pins the GP_DATA register
value always reports the current state of the pins, so
a value written in output mode does not necessarily
read back the same value. If a pin in output mode is
written as a logical 1, the CS5376A attempts to
drive the pin high. If an external device forces the
pin low, the read value reflects the pin state and re-
turns a logical 0. Similarly, if an output pin is writ-
ten as a logical 0 but forced high externally, the
read value reflects the pin state and returns a logical
1. In both cases the CS5376A is in contention with
the external device resulting in increased power
consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com