Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5376A-IQ Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS5376A-IQ
Description  Low-power, Multi-channel Decimation Filter
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5376A-IQ Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS5376A-IQ Datasheet HTML 17Page - Cirrus Logic CS5376A-IQ Datasheet HTML 18Page - Cirrus Logic CS5376A-IQ Datasheet HTML 19Page - Cirrus Logic CS5376A-IQ Datasheet HTML 20Page - Cirrus Logic CS5376A-IQ Datasheet HTML 21Page - Cirrus Logic CS5376A-IQ Datasheet HTML 22Page - Cirrus Logic CS5376A-IQ Datasheet HTML 23Page - Cirrus Logic CS5376A-IQ Datasheet HTML 24Page - Cirrus Logic CS5376A-IQ Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
CS5376A
DS612F3
21
4. POWER SUPPLIES
The CS5376A has three sets of power supply in-
puts. Two sets supply power to the I/O pins of the
device (VDD1, VDD2), and the third supplies
power to the logic core (VD). The I/O pin power
supplies determine the maximum input and output
voltages when interfacing to peripherals, and the
logic core power supply largely determines the
power consumption of the CS5376A.
4.1 Pin Descriptions
VDD1, GND1 - Pins 54,53
Sets the interface voltage to a microcontroller and
system telemetry. Can be driven with voltages from
3.3 V to 5 V.
VDD1 powers pins 1-5 and 41-64:
TRST, TMS, TCK, TDI, TDO
GPIO6 - GPIO11:EECS
SSO, SCK1, SSI, MISO, MOSI, SINT,
RESET, BOOT, TIMEB, CLK, SYNC
SDDAT, SDRDY, SDCLK, SDTKO, SDTKI
VDD2, GND2 - Pins 11, 25, 24, 38
Sets the interface voltage to the modulators, test
DAC, and serial peripherals. Can be driven with
voltages from 3.3 V to 5 V.
VDD2 powers pins 8-37:
TBSCLK, TBSDATA
MCLK/2, MCLK, MSYNC
MDATA1 - MDATA4
MFLAG1 - MFLAG4
SI1 - SI4, SO, SCK2
GPIO0:CS0 - GPIO5
TRST
TMS
TCK
TDI
TDO
GND
VD
TBSCLK
TBSDATA
DNC
VDD2
MCLK/2
MCLK
MSYNC
MDATA4
MFLAG4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
CS5376A
VDD1 Pad Ring
VDD2 Pad Ring
VD
Pad Ring
SCK1
SSO
GPIO11:EECS
GPIO10
GPIO9
GPIO8
GPIO7
GPIO6
VD
GND
GND2
GPIO5
GPIO4:CS4
GPIO3:CS3
GPIO2:CS2
GPIO1:CS1
VD
Pad Ring
Figure 10. Power Supply Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com