Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6102 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC6102
Description  PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6102 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC6102 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6102 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6102 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6102 Datasheet HTML 4Page - Sanyo Semicon Device 2SC6102 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA2197 / 2SC6102
No. A0463-3/5
hFE -- IC
hFE -- IC
f T -- IC
f T -- IC
Cob -- VCB
Cob -- VCB
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Ta=75
°C
25
°C
--25
°C
1000
100
7
7
5
3
2
5
--0.01
3
25
--10
--0.1
73
25
7
3
25 7
--1.0
Ta=75
°C
25
°C
--25
°C
1000
100
7
7
5
3
2
5
0.01
3
25
10
0.1
73
25
7
3
25 7
1.0
2SA2197
VCE= --2V
IT11299
IT11306
2SC6102
VCE=2V
100
7
5
3
5
3
2
2
--0.01
25
7
3
--0.1
25
5
7
32
3
--1.0
100
7
7
5
3
5
3
2
2
0.01
25
7
3
0.1
25
5
7
32
3
1.0
IT11301
2SA2197
VCE= --10V
IT11308
2SC6102
VCE=10V
IT11307
2
7
5
3
2
3
100
37
--0.1
25
2
--1.0
37
52
3
7
5
--10
2
7
5
3
2
3
100
10
37
0.1
25
2
1.0
37
52
3
7
5
10
IT11300
2SA2197
f=1MHz
2SC6102
f=1MHz
IC -- VBE
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
IT11305
2SA2197
VCE= --2V
0
0
--7
--4
--3
--6
--5
--2
--1
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
IT11298
0
0
7
4
3
6
5
2
1
0.2
0.4
0.6
0.8
1.2
1.0
2SC6102
VCE=2V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com