Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6102 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC6102
Description  PNP / NPN Epitaxial Planar Silicon Transistors DC / DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6102 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC6102 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6102 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6102 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6102 Datasheet HTML 4Page - Sanyo Semicon Device 2SC6102 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA2197 / 2SC6102
No. A0463-4/5
10
1.0
0.01
2
7
5
3
2
7
5
3
2
0.1
7
5
3
2
1.0
0.1
2
25
37
10
2
5
35
3
7
ICP=9A
100ms
10ms
1ms
IC=7A
IT11480
DC
operation
(T
c=25
°C
)
DC
operation
(T
a=25
°C
)
0
1.2
0.8
1.0
0.6
0.4
0.2
20
060
40
80
100
140
120
160
IT11476
2SA2197 / 2SC6102
VBE(sat) -- IC
VBE(sat) -- IC
VCE(sat) -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
VBE(sat) -- IC
3
1.0
2
0.1
Ta= --25°C
2
7
5
3
2
1.0
10
35
7
2
3
5
7
75°C
25°C
3
--1.0
2
--0.1
Ta= --25°C
2
7
5
3
2
--1.0
--10
35
7
2
3
5
7
2SA2197
IC / IB=50
IT11304
75°C
IT11311
--0.1
23
5
7
2
3
5
7
--1.0
--10
7
5
3
2
7
5
3
2
--0.1
--1.0
--0.01
IT11303
Ta=75
°C
25°
C
--25
°C
0.1
23
5
7
2
3
5
7
1.0
10
7
5
3
2
7
5
3
2
0.1
1.0
0.01
Ta=75
°C
25
°C
--25
°C
2SA2197
IC / IB=50
IT11310
2SC6102
IC / IB=50
2SC6102
IC / IB=50
25°C
VCE(sat) -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
2SC6102
IC / IB=20
--0.1
2
3
5
7
2
3
5
7
7
--0.01
--0.1
23
5
7
2
3
5
7
--1.0
--10
Ta=75
°C
--25
°C
IT11302
2SA2197
IC / IB=20
25
°C
0.1
2
3
5
7
2
3
5
7
7
0.01
0.1
23
5
7
2
3
5
7
1.0
10
Ta=75
°C
--25
°C
25°
C
IT11309
A S O
PC -- Ta
Ambient Temperature, Ta --
°C
Collector-to-Emitter Voltage, VCE -- V
2SA2197 / 2SC6102
Tc=25
°C
Single pulse
For PNP, the minus sign is omitted.
No
heat
sink



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com