Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3807MP Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC3807MP
Description  NPN Epitaxial Planar Silicon Transistor 25V / 2A High-hFE, Low Frequency General-Purpose Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC3807MP Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC3807MP Datasheet HTML 1Page - Sanyo Semicon Device 2SC3807MP Datasheet HTML 2Page - Sanyo Semicon Device 2SC3807MP Datasheet HTML 3Page - Sanyo Semicon Device 2SC3807MP Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC3807MP
No. A0629-1/4
Applications
•
Low-frequency general-purpose amplifiers, drivers.
Features
•
Large current capacity (IC=2A).
•
Adoption of MBIT process.
•
High DC current gain (hFE=1000 to 2000).
•
Low collector-to-emitter saturation voltage (VCE(sat)≤0.5V).
•
High VEBO(VEBO≥15V).
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
30
V
Collector-to-Emitter Voltage
VCEO
25
V
Emitter-to-Base Voltage
VEBO
17
V
Collector Current
IC
2A
Collector Current (Pulse)
ICP
4A
Collector Dissipation
PC
1.1
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Ordering number : ENA0629
42507LA TI IM TC-00000660
SANYO Semiconductors
DATA SHEET
2SC3807MP
NPN Epitaxial Planar Silicon Transistor
25V / 2A High-hFE, Low Frequency
General-Purpose Amplifier Applications
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - 2SC3807MP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3807 SANYO-2SC3807 Datasheet
84Kb / 3P
High-hFE, Low-Frequency General-Purpose Amp Applications?????????
logo
SHENZHEN YONGERJIA INDU...
2SC3807 WINNERJOIN-2SC3807 Datasheet
177Kb / 2P
TRANSISTOR (NPN)
logo
Foshan Blue Rocket Elec...
2SC3807 FOSHAN-2SC3807 Datasheet
435Kb / 6P
Silicon NPN transistor in a TO-126F Plastic Package.
logo
Sanyo Semicon Device
2SC3807C SANYO-2SC3807C Datasheet
50Kb / 4P
NPN Epitaxial Planar Silicon Transistor 25V / 2A High-hFE, Low Frequency General-Purpose Amplifier Applications
More results

Similar Description - 2SC3807MP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3070 SANYO-2SC3070 Datasheet
80Kb / 3P
High-hFE, Low-Frequency General-Purpose Amp Applications????
2SC3576 SANYO-2SC3576 Datasheet
84Kb / 3P
High-hFE, Low-Frequency General-Purpose Amp Applications???????
CPH6519 SANYO-CPH6519 Datasheet
42Kb / 4P
NPN Epitaxial Planar Silicon Composite Transistors Low-Frequency General-Purpose Amplifier, Driver Applications
7MP05SF SANYO-7MP05SF Datasheet
34Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Frequency General-Purpose Amplifier Applications
CPH6530 SANYO-CPH6530 Datasheet
47Kb / 5P
PNP / NPN Epitaxial Planar Silicon Transistor Low-Frequency General-Purpose
EC4201KF SANYO-EC4201KF Datasheet
36Kb / 4P
NPN Epitaxial Planar Silicon Transistor Low-Frequency General-Purpose Amplifier Applications
2SC3807C SANYO-2SC3807C Datasheet
50Kb / 4P
NPN Epitaxial Planar Silicon Transistor 25V / 2A High-hFE, Low Frequency General-Purpose Amplifier Applications
2SC3651 SANYO-2SC3651_1 Datasheet
112Kb / 3P
High hFE, Low-Frequency General-Purpose Amplifier Applications
CPH6001A SANYO-CPH6001A Datasheet
58Kb / 6P
NPN Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifier Applications
logo
Nanjing International G...
2SC3650 DGNJDZ-2SC3650 Datasheet
465Kb / 3P
High hFE,Low-Frequency General-Purpose Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com