Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3807MP Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC3807MP
Description  NPN Epitaxial Planar Silicon Transistor 25V / 2A High-hFE, Low Frequency General-Purpose Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC3807MP Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC3807MP Datasheet HTML 1Page - Sanyo Semicon Device 2SC3807MP Datasheet HTML 2Page - Sanyo Semicon Device 2SC3807MP Datasheet HTML 3Page - Sanyo Semicon Device 2SC3807MP Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC3807MP
No. A0629-2/4
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=20V, IE=0A
0.1
µA
Emitter Cutoff Current
IEBO
VEB=10V, IC=0A
0.1
µA
DC Current Gain
hFE1VCE=5V, IC=500mA
1000
2000
hFE2VCE=5V, IC=1A
600
Gain-Bandwidth Product
fT
VCE=10V, IC=50mA
260
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
24
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=1A, IB=20mA
0.135
0.5
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=1A, IB=20mA
0.85
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10µA, IE=0A
30
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
25
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10µA, IC=0A
17
V
Turn-ON Time
ton
See specified Test Circuit.
0.14
µs
Storage Time
tstg
See specified Test Circuit.
0.8
µs
Fall Time
tf
See specified Test Circuit.
0.1
µs
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7520-002
VR
RB
VCC=10V
7IB1= --7IB2=IC=700mA
--5V
++
50Ω
RL
INPUT
OUTPUT
100µF
470µF
PW=20µs
IB1
D.C.≤1%
IB2
12 3
0.5
0.5
0.5
0.6
1.45
1.45
6.0
4.7
5.0
1 : Emitter
2 : Collector
3 : Base
SANYO : MP
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
2.0
1.6
1.2
0.4
0.8
1.8
1.4
0.6
1.0
0.2
0
0.4
0
0.8
1.2
1.6
2.0
0.2
0.6
1.0
1.4
1.8
IT11142
1.0mA
2.0mA
IB=0mA
0.5mA
3.0m
A
5.0mA
7.0mA
4.0mA
6.0mA
2.0
1.6
1.2
0.4
0.8
1.8
1.4
0.6
1.0
0.2
0
VCE=5V
0
0.2
0.4
0.6
0.8
1.2
1.0
IT11143



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com