Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF0070CF51549T Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # SF0070CF51549T
Description  70.0 MHz Filter 3.5 MHz Bandwidth
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

SF0070CF51549T Datasheet(HTML) 1 Page - Integrated Circuit Systems

  SF0070CF51549T Datasheet HTML 1Page - Integrated Circuit Systems SF0070CF51549T Datasheet HTML 2Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
70.0 MHz Filter
3.5 MHz Bandwidth
Part Number SF0070CF51549T
Micro Networks, 324 Clark Street, Worcester, MA 01606, USA tel: 508-852-5400, fax:508-852-8456, www.micronetworks.com
Rev 1.0 18-Dec-02
Page 1 of 2
TYPICAL PERFORMANCE
Horizontal: 2.0 MHz/div
Vertical (from top): Magnitude
10 dB/div
Magnitude
1 dB/div
Group Delay
50 ns./div
SPECIFICATION
Parameter
Min.
Typ.
Max.
Units.
Center Frequency ( Fc)
1
69.91
70.0
70.09
MHz
Insertion Loss at Fc
24
25
dB
1 dB Bandwidth
3
3.2
MHz
3 dB Bandwidth
3.5
3.6
MHz
40 dB Bandwidth
5.3
5.6
MHz
Passband Ripple
0.5
0.8
dB
Phase Ripple
3.0
8
deg p-p
Group Delay Ripple
50
100
ns p-p
Absolute Delay
2.3
us
Ultimate Rejection
50
55
dB
Source / Load Impedance
50
Ω
Substrate Material
Quartz
Ambient Temperature
25
º C
Notes:
1: Mean value of the 3 dB Bandwidth


Similar Part No. - SF0070CF51549T

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
SF0070CF51549T APITECH-SF0070CF51549T Datasheet
201Kb / 2P
70.0 MHz Filter 3.5 MHz Bandwidth
More results

Similar Description - SF0070CF51549T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0070BA03060S ICST-SF0070BA03060S Datasheet
64Kb / 2P
70.0 MHz Low-Loss Filter 14.0 MHz Bandwidth
Rev 4.0
logo
API Technologies Corp
SF0070CF51549T APITECH-SF0070CF51549T Datasheet
201Kb / 2P
70.0 MHz Filter 3.5 MHz Bandwidth
logo
Oscilent Corporation
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y_14 Datasheet
225Kb / 4P
70.0 MHz IF SAW Filter 11.9 MHz Bandwidth
813-IF70.0M-14E OSCILENT-813-IF70.0M-14E Datasheet
220Kb / 6P
70.0 MHz IF SAW Filter 14.80 MHz Bandwidth
813-SL70.0M-13A OSCILENT-813-SL70.0M-13A Datasheet
343Kb / 9P
70.0 MHz IF SAW Filter 13.96 MHz Bandwidth
821-IF70.0M-07A OSCILENT-821-IF70.0M-07A Datasheet
184Kb / 6P
70.0 MHz IF SAW Filter 7.28 MHz Bandwidth
821-IF70.0M-19D OSCILENT-821-IF70.0M-19D Datasheet
213Kb / 6P
70.0 MHz IF SAW Filter 19.40 MHz Bandwidth
835-IF70.0M-105A OSCILENT-835-IF70.0M-105A Datasheet
105Kb / 4P
70.0 MHz IF SAW Filter 10.45 MHz Bandwidth
813-SL70.0M-04 OSCILENT-813-SL70.0M-04_14 Datasheet
128Kb / 4P
70.0 MHz IF SAW Filter 3.65 MHz Bandwidth
logo
Transko Electronics, In...
TL7009V TRANSKO-TL7009V Datasheet
471Kb / 3P
70.0 MHz IF SAW Filter / 8.66 MHz Bandwidth
Revision 1: 29 Oct. 2007
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com