Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5535ARKZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5535ARKZ-R7
Description  20 MHz to 1.0 GHz IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5535ARKZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL5535ARKZ-R7 Datasheet HTML 1Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 2Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADL5535
Rev. A | Page 5 of 16
TYPICAL SCATTERING PARAMETERS (S-PARAMETERS)
VCC = 5 V, TA = 25°C, and the effects of the test fixture have been de-embedded up to the pins of the device.
Table 2.
Frequency
(MHz)
S11
S21
S12
S22
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
20
−13.03
−112.72
17.11
167.18
−19.70
+10.45
−14.78
−125.49
70
−18.32
−152.93
16.33
171.17
−19.67
+0.77
−15.85
−161.12
120
−19.04
−161.05
16.22
169.68
−19.66
−1.99
−15.99
−166.87
190
−19.31
−163.81
16.16
166.09
−19.65
−4.89
−15.97
−168.23
240
−19.35
−163.54
16.10
163.36
−19.65
−6.74
−15.91
−167.75
290
−19.26
−162.62
16.08
160.44
−19.65
−8.54
−15.81
−166.89
340
−19.24
−161.59
16.01
157.37
−19.66
−10.20
−15.70
−166.07
390
−19.12
−158.71
15.94
154.60
−19.65
−11.99
−15.53
−164.46
440
−18.88
−157.70
15.91
151.65
−19.65
−13.65
−15.28
−163.07
490
−18.58
−157.00
15.84
148.72
−19.69
−15.34
−15.02
−162.82
540
−18.35
−156.08
15.80
145.67
−19.71
−16.97
−14.80
−162.40
590
−18.12
−154.28
15.71
142.80
−19.70
−18.60
−14.58
−161.54
640
−17.82
−153.50
15.67
139.94
−19.71
−20.26
−14.31
−161.17
690
−17.57
−152.78
15.59
136.89
−19.73
−21.87
−14.07
−160.95
740
−17.30
−151.90
15.51
134.11
−19.74
−23.49
−13.82
−160.76
790
−17.04
−151.31
15.44
131.17
−19.75
−25.11
−13.58
−160.71
840
−16.76
−150.77
15.35
128.31
−19.77
−26.74
−13.34
−160.76
900
−16.41
−150.20
15.26
125.01
−19.79
−28.65
−13.05
−160.99
950
−16.15
−149.94
15.17
122.08
−19.80
−30.29
−12.82
−161.31
1000
−15.87
−149.69
15.08
119.42
−19.82
−31.88
−12.59
−161.67
1050
−15.60
−149.72
15.00
116.58
−19.84
−33.51
−12.38
−162.13
1100
−15.35
−149.61
14.89
113.89
−19.86
−35.10
−12.17
−162.71
1150
−15.08
−149.74
14.81
111.22
−19.88
−36.69
−11.97
−163.25
1200
−14.86
−149.84
14.70
108.43
−19.90
−38.29
−11.79
−163.86
1250
−14.58
−149.97
14.61
105.97
−19.92
−39.90
−11.59
−164.52
1300
−14.35
−150.33
14.52
103.20
−19.94
−41.52
−11.41
−165.22
1350
−14.11
−150.67
14.41
100.66
−19.96
−43.13
−11.25
−166.05
1400
−13.90
−151.10
14.32
98.10
−19.99
−44.68
−11.08
−166.79
1450
−13.69
−151.43
14.21
95.51
−20.02
−46.23
−10.93
−167.47
1500
−13.46
−151.86
14.11
93.03
−20.04
−47.82
−10.78
−168.33
1550
−13.26
−152.41
14.02
90.50
−20.06
−49.37
−10.63
−169.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com