Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5535ARKZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL5535ARKZ-R7
Description  20 MHz to 1.0 GHz IF Gain Block
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5535ARKZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL5535ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 13Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 14Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 15Page - Analog Devices ADL5535ARKZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADL5535
Rev. A | Page 13 of 16
ADC DRIVING APPLICATION
The ADL5535 is a high linearity, fixed gain IF amplifier suitable
for use as an ADC driver. Figure 23 shows the schematic of the
ADL5535 driving the AD9268 16-bit analog-to-digital converter
(ADC). The ADL5535 has a single-ended input and output imped-
ance of 50 Ω. A 1:1 impedance transformer, along with termination
resistors and series ferrite beads, are used to present a 50 Ω load
for the antialiasing filter interface. The filter interface between the
ADL5535 and the AD9268 is a sixth-order Butterworth low-pass
filter. The interface provides a 50 MHz, 1 dB bandwidth centered
around 175 MHz. Following the sixth-order filter, a shunt LC tank
circuit was inserted to further reduce the low frequency response
of the filter, giving more of a band-pass response to the filter.
The normalized wideband response is shown in Figure 20.
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
0
50
100
150
200
250
300
350
400
FREQUENCY (MHz)
Figure 20. Normalized Response of the ADC Interface Shown
in Figure 23
FREQUENCY (MHz)
60
54
48
42
36
30
24
18
12
0
6
0
–15
–30
–45
–75
–90
–60
–105
–120
–135
SAMPLE FREQUENCY = 122.88MHz
SNRFS = 75.877dB
INPUT FREQUENCY = 170MHz
FUNDAMENTAL POWER = –1.044dBFS
SECOND HARMONIC POWER = –75.499dBc
THIRD HARMONIC POWER = –80.003dBc
NOISE FLOOR = –153.762dBFS/
√Hz
5
3
2
6
4
+
Figure 21. Measured Single-Tone Performance of the Circuit Shown
in Figure 23
FREQUENCY (MHz)
60
54
48
42
36
30
24
18
12
0
6
0
–15
–30
–45
–75
–90
–60
–105
–120
–135
FUNDAMENTAL1 = –7.161dBFS
FUNDAMENTAL2 = –7.116dBFS
IMD (2f1 – f2) = –66.07dBc
IMD (2f2 – f1) = –67.588dBc
NOISE FLOOR = –150.84dBFS/
√Hz
f2 – f1
f1 + f2
2f1 – f2
2f2 – f1
Figure 22. Measured Two-Tone Performance of the Circuit Shown
in Figure 23
1
33Ω
33Ω
66Ω
66Ω
22pF
22nH
56nH
8pF
27pF
100pF
470nH
5V
50Ω
VCM
VCM
ADL5535
68nH
8.2pF
72nH
MABA-007159-000000
FERRITE BEAD
10Ω AT 100MHz
0.1µF
0.1µF
FERRITE BEAD
10Ω AT 100MHz
AD9268
VIN+A
VIN–A
Figure 23. Schematic of the ADL5535 Driving the AD9268 16-Bit ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com