Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8121ACPZN-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL8121ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.025 GHz to 12 GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8121ACPZN-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADL8121ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL8121ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL8121ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8121ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8121ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8121ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8121ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8121ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8121ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Data Sheet
ADL8121
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 5 of 22
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RBIAS
Bias Setting Resistor Between RBIAS and VDD to set quiescent drain current. See Figure 3 for the interface schematic.
2
RFIN
RF Input. The RFIN pin is dc-coupled and matched to 50 Ω. See Figure 4 for the interface schematic.
3, 4
GND
Ground. This pin must be connected to the RF and dc ground. See Figure 6 for the interface schematic.
5
RFOUT/VDD
RF Output/Drain Bias for the Amplifier. RFOUT/VDD is dc-coupled and matched to 50 Ω. See Figure 5 for the interface schematic.
6
NIC
Not Internally Connected. This pin is not connected internally.
EPAD
Exposed Pad. The exposed pad must be connected to the RF and dc ground.
INTERFACE SCHEMATICS
Figure 3. RBIAS Interface Schematic
Figure 4. RFIN Interface Schematic
Figure 5. RFOUT/VDD Interface Schematic
Figure 6. GND Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com