Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8121ACPZN-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL8121ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.025 GHz to 12 GHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8121ACPZN-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL8121ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL8121ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL8121ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL8121ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL8121ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL8121ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8121ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL8121ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL8121ACPZN-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Data Sheet
ADL8121
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 7 of 22
Figure 13. Gain vs. Frequency for Various IDQ Values, 10 MHz to 200 MHz,
VDD = 5 V
Figure 14. Input Return Loss vs. Frequency for Various Temperatures,
10 MHz to 200 MHz, VDD = 5 V, IDQ = 95 mA
Figure 15. Input Return Loss vs. Frequency for Various Supply Voltages and
IDQ Values, 10 MHz to 200 MHz, RBIAS = 324 Ω
Figure 16. Gain vs. Frequency for Various IDQ Values, 200 MHz to 13 GHz,
VDD = 5 V
Figure 17. Input Return Loss vs. Frequency for Various Temperatures,
200 MHz to 13 GHz, VDD = 5 V, IDQ = 95 mA
Figure 18. Input Return Loss vs. Frequency for Various Supply Voltages and
IDQ Values, 200 MHz to 13 GHz, RBIAS = 324 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com