Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8142ACPZN-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADL8142ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8142ACPZN-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADL8142ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Data Sheet
ADL8142
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. B | 12 of 20
Figure 43. OP1dB, PSAT, Gain, and IDD vs. Supply Voltage at 24 GHz,
RBIAS = 634 Ω
Figure 44. OP1dB, PSAT, Gain, and IDD vs. Supply Voltage at 31 GHz,
RBIAS = 634 Ω
Figure 45. IDD vs. PIN for Various Frequencies, VDD = 2 V
Figure 46. OP1dB, PSAT, Gain, and IDD vs. Supply Voltage at 27 GHz,
RBIAS = 634 Ω
Figure 47. PDISS vs. PIN at Various Frequencies
Figure 48. OIP2 vs. Frequency for Various Supply Voltages and IDQ,
RBIAS = 634 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com