Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL8142ACPZN-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL8142ACPZN-R7
Description  GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL8142ACPZN-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL8142ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL8142ACPZN-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADL8142
APPLICATIONS INFORMATION
analog.com
Rev. B | 17 of 20
The basic connections for operating the ADL8142 over the speci-
fied frequency range are shown in Figure 64. No external biasing
inductor is required, allowing the 2 V supply to be connected
to the VDD pin. It is recommended to use 0.1 µF and 100 pF
power supply decoupling capacitors. The power supply decoupling
capacitors shown in Figure 64 represent the configuration used to
characterize and qualify the ADL8142.
To set IDQ, connect a resistor (R2) between the RBIAS and VDD
pins. A default value of 634 Ω is recommended, which results in
a nominal IDQ of 25 mA. The RBIAS pin also draws a current that
varies with the value of RBIAS, and this current is typically a few mA.
Do not leave the RBIAS pin open.
The RFIN and RFOUT pins are internally ac-coupled. If the RFOUT
pin is connected to a dc bias level other than 0 V, ac-couple this pin
because of the internal dc path to ground on RFOUT.
Figure 64. Typical Application Circuit
RECOMMENDED BIAS SEQUENCING
See the ADL8142-EVALZ user guide for the recommended bias
sequencing information.
Table 8. Recommended Bias Resistor Values for VDD = 2 V
RBIAS (Ω)
IDQ (mA)
IDQ_AMP (mA)
IRBIAS (mA)
203
50
45
5
301
40
36.2
3.8
487
30
27.5
2.5
634
25
23.0
2.0
909
20
18.5
1.5
1500
15
14.1
0.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com