Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL1101WBAW1CS2 Datasheet(PDF) 2 Page - Rohm

Part # CSL1101WBAW1CS2
Description  White Surface Mount Chip LEDs with reflector featuring InGaN packed with resin containing phosphor.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL1101WBAW1CS2 Datasheet(HTML) 2 Page - Rohm

  CSL1101WBAW1CS2 Datasheet HTML 1Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 2Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 3Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 4Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 5Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 6Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 7Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 8Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
[CSL1101WBAW1]
    
[Data Sheet]
4. ABSOLUTE MAXIMUM RATINGS *2
1)
1)
2)
3)
3)
3)
6. LUMINOUS CLASSIFICATION *3
(Ta=25℃, IF=5mA)
~
~
~
~
1. CONSTRUCTION
White Surface Mount Chip LEDs with reflector featuring InGaN
packed with resin containing phosphor.
2. USAGE *1
Consumer ・ Industrial
Forward Current
IF (Ta=25℃)
・・・・・・・・
20mA
Peak Forward Current
IFP (Ta=25℃)
・・・・・・・・
100mA
3. DIMENSIONS
See Figure.1
Power Dissipation
PD (Ta=25℃)
・・・・・・・・
68mW
Storage Temperature
Tstg
・・・・・・・・
-40~+110℃
Duty 1/10, 1kHz
5. ELECTRO-OPTICAL CHARACTERISTICS (Ta=25ºC)
Reverse Voltage
VR (Ta=25℃)
・・・・・・・・
5V
Operation Temperature
Topr
・・・・・・・・
-40~+110℃
UNITS
Forward Voltage
VF
IF=5mA
2.5
2.9
3.4
V
DISCRIPTION
SYMBOL
CONDITION
MIN.
TYP.
MAX.
μA
Luminous Intensity
IV
IF=5mA
90
155
220
mcd
Reverse Current
IR
VR=5V
-
-
10
-
-
y
IF=5mA
-
0.249
-
-
Chromaticity Coordinates
x
IF=5mA
-
0.282
"S2"
110
140
mcd
"T1"
140
180
mcd
2) Lighting time : 1msec  3) Lighting time : 10msec
SYMBOL
LUMINOUS CLASSIFICATION RANGE
"S1"
90
110
mcd
"T2"
180
220
mcd
Tolerance:±10%
2/22
2024.6 - Rev.003
www.rohm.com
©2024 ROHM Co., Ltd. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com