Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSL1101WBAW1CS2 Datasheet(PDF) 21 Page - Rohm

Part # CSL1101WBAW1CS2
Description  White Surface Mount Chip LEDs with reflector featuring InGaN packed with resin containing phosphor.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

CSL1101WBAW1CS2 Datasheet(HTML) 21 Page - Rohm

Back Button CSL1101WBAW1CS2 Datasheet HTML 16Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 17Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 18Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 19Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 20Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 21Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 22Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 23Page - Rohm CSL1101WBAW1CS2 Datasheet HTML 24Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
[CSL1101WBAW1]
    
[Data Sheet]
Ta=85±2ºC 85±5%RH
Ta=Tstg Min.±5ºC
Ta=25±5ºC
2.Failure Criteria
【 Reliability Test Result】
1.Test Result
Test Items
Reference STD
Test Condition
n
Pn
(pcs)
Number of reflow : 2 times
Solderbility
JESD22-B102E Immerse into rosin flux for 5±1sec,and the device
(pcs)
Solder Heat Resistance
J-STD-020D-01 Prtreatment : Temperature Humidity Strage
22
0
for Reflow Soldering
(30ºC/70%RH/168hr)
Reflow Peak Temp. : 260ºC 10sec Over 230℃/60sec
Preheat : 140 to 180ºC 60sec
22
0
for 3±0.5sec into Pb-free solder bath at 245±5ºC
Drop test
JEITA ED-4701 H=75cm Maple Boad : 3 times
22
0
A-124
Thermal Cycle
JESD22-A104E Ta=Tstg Min.ºC(30min.) ~ Tstg Max.ºC(30min.)
22
0
100cycle
Vibration
JEITA ED-4701 100~2000Hz 98.1m/s2
22
0
A-121
2hours each on each direction of X,Y,Z
High Temperature JESD22-A103E Ta=Tstg Max.+5ºC/-0ºC 1000hrs
22
0
Strage
High Temperature
JEITA ED-4701
240hrs
22
0
High Humidity Strage
B-121
Load Life
JESD22-A108D
IF=IFMax. 1000hrs
22
0
Low Temperature
JESD22-A119A
1000hrs
22
0
Strage
Forward Voltage
IF=5mA
Changing rate of ±10%
Reverse Current
VR=VR Max.
Maximum of specification
Items
Condition
Criteria
Luminous Intensity
IF=5mA
60% of the initial value
Appearance
Visual Check
No major change in appearance
Solderbility
More than 95% of the electrode must be covered with solder.
※
This data is actual value from specific lot and is not guaranteed.
21/22
2024.6 - Rev.003
www.rohm.com
©2024 ROHM Co., Ltd. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com