Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS33KBA Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PXAS33KBA
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS33KBA Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PXAS33KBA Datasheet HTML 10Page - NXP Semiconductors PXAS33KBA Datasheet HTML 11Page - NXP Semiconductors PXAS33KBA Datasheet HTML 12Page - NXP Semiconductors PXAS33KBA Datasheet HTML 13Page - NXP Semiconductors PXAS33KBA Datasheet HTML 14Page - NXP Semiconductors PXAS33KBA Datasheet HTML 15Page - NXP Semiconductors PXAS33KBA Datasheet HTML 16Page - NXP Semiconductors PXAS33KBA Datasheet HTML 17Page - NXP Semiconductors PXAS33KBA Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
14
FUNCTIONAL DESCRIPTION
Details of XA-S3 functions will be described in the following sections.
Analog to Digital converter
The XA-S3 has an 8-channel, 8-bit A/D converter with 8 sets of result
registers, single scan and multiple scan operating modes. The A/D
also has a 10-bit conversion mode that provides greater result
resolution. The A/D input range is limited to 0 to AVDD (3.3 V max.).
The A/D inputs are on Port 5. Analog Power and Ground as well as
AVREF+ and AVREF– must be supplied in order for the A/D converter to
be used. Prior to enabling the A/D converter or driving analog signals
into the A/D inputs, the port configurations for the pins being used as
A/D inputs must be set to the “off” (high impedance, input only) mode.
A/D timing can be adapted to the application clock frequency in
order to provide the fastest possible conversion.
A/D converter operation is controlled through the ADCON (A/D Control)
register, see Figure 1. Bits in ADCON start and stop the A/D, flag
conversion completion, and select the converter operating modes. When
10-bit resolution is needed, the A/D mode may be set to give 10 result
bits by setting the ADRES bit to 1. In this mode, the A/D takes longer to
complete a conversion, and the timing must be set differently in ADCFG.
A/D Conversion Modes
The A/D converter supports a single scan mode and a continuous
scan mode. In either mode, one or more A/D channels may be
converted. The ADCS register determines which channels are
converted. If the corresponding bit in the ADCS register is set, that
channel is selected for conversions, otherwise that channel is
skipped. The ADCS register is detailed in Figure 2.
For any A/D conversion, the results are stored in ADRSHn,
corresponding to the A/D channel just converted. For a 10-bit
conversion, the two least significant bits are read from the upper end
of register ADRSL. These bits must be read before another
conversion is begun.
A/D conversions are begun by setting the A/D Start and STatus bit in
ADCON. In the single scan mode, all of the channels selected by
bits in the ADCS register will be converted once. The ADINT flag is
set when the last channel is converted. In the continuous scan
mode, the A/D converter continuously converts all A/D channels
selected by bits in the ADCS register. The ADINT flag is set when all
channels have been converted once.
The A/D converter can generate an interrupt when the ADINT flag is
set. This will occur if the A/D interrupt is enabled (via the EAD bit in
IEL), the interrupt system is enabled (via the EA bit in IEL), and the
A/D interrupt priority (specified in IPA3 bits 3 to 0) is higher than the
currently running code (PSW bits IM3 through IM0) and any other
pending interrupt. ADINT must be cleared by software.
A/D Timing Configuration
The A/D sampling and conversion timing may be optimized for the
particular oscillator frequency and input drive characteristics of the
application. Because A/D operation is mostly dependent on real-time
effects (charging time of sampling capacitors, settling time of the
comparator, etc.), A/D conversion times are not necessarily much
longer at slower clock frequencies. The A/D timing is controlled by
the ADCFG register, as shown in Figure 3, Table 2 and Table 3.
The primary effect of ADCFG settings is to adjust the A/D sample
and hold time to be relatively constant over various clock
frequencies. Two settings (value 6 and B) are provided to allow fast
conversions with a lower external source driving the A/D inputs.
These settings provide double the sample time at the same
frequency. Of course, settings intended for lower frequencies may
also be used at higher frequencies in order to increase the A/D
sampling time, but this method has the side effect of significantly
increasing A/D conversion times.
ADINT
LSB
MSB
BIT
SYMBOL
FUNCTION
ADCON.7
—
Reserved for future use. Should not be set to 1 by user programs.
ADCON.6
—
Reserved for future use. Should not be set to 1 by user programs.
ADCON.5
—
Reserved for future use. Should not be set to 1 by user programs.
ADCON.4
—
Reserved for future use. Should not be set to 1 by user programs.
ADCON.3
ADRES
Selects 8-bit (0) or 10-bit (1) conversion mode.
ADCON.2
ADMOD
A/D mode select.
1 = continuous scan of selected inputs after a start of the A/D.
0 = single scan of selected inputs after a start of the A/D.
ADCON.1
ADSST
A/D start and status. Setting this bit by software starts the A/D conversion of the selected A/D
inputs. ADSST remains set as long as the A/D is in operation. In continuous conversion mode,
ADSST will remain set unless the A/D is stopped by software. While ADSST is set, new start
commands are ignored. An A/D conversion is progress may be aborted by software clearing
ADSST.
ADCON.0
ADINT
A/D conversion complete/interrupt flag. This flag is set when all selected A/D channels are
converted in either the single scan or continuous scan modes. Must be cleared by software.
ADSST
ADMOD
ADRES
—
—
—
—
ADCON
Address:43Eh
Bit Addressable
Reset Value: 00h
SU01229
Figure 1. A/D Control Register (ADCON)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com