Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS33KBA Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PXAS33KBA
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS33KBA Datasheet(HTML) 2 Page - NXP Semiconductors

  PXAS33KBA Datasheet HTML 1Page - NXP Semiconductors PXAS33KBA Datasheet HTML 2Page - NXP Semiconductors PXAS33KBA Datasheet HTML 3Page - NXP Semiconductors PXAS33KBA Datasheet HTML 4Page - NXP Semiconductors PXAS33KBA Datasheet HTML 5Page - NXP Semiconductors PXAS33KBA Datasheet HTML 6Page - NXP Semiconductors PXAS33KBA Datasheet HTML 7Page - NXP Semiconductors PXAS33KBA Datasheet HTML 8Page - NXP Semiconductors PXAS33KBA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2
2000 Dec 01
GENERAL DESCRIPTION
The XA-S3 device is a member of Philips Semiconductors’ XA
(eXtended Architecture) family of high performance 16-bit
single-chip microcontrollers.
The XA-S3 device combines many powerful peripherals on one
chip. With its high performance A/D converter, timers/counters,
watchdog, Programmable Counter Array (PCA), I2C interface, dual
UARTs, and multiple general purpose I/O ports, it is suited for
general multipurpose high performance embedded control functions.
Specific features of the XA-S3
• 2.7 V to 5.5 V operation.
• 32 K bytes of on-chip EPROM/ROM program memory.
• 1024 bytes of on-chip data RAM.
• Supports off-chip addressing up to 16 megabytes (24 address
lines). A clock output reference is added to simplify external bus
interfacing.
• High performance 8-channel 8-bit A/D converter with automatic
channel scan and repeated read functions. Completes a
conversion in 4.46 microseconds at 30 MHz. Alternate operating
mode allows 10-bit conversion results.
• Three standard counter/timers with enhanced features. All timers
have a toggle output capability.
• Watchdog timer.
• 5-channel 16-bit Programmable Counter Array (PCA).
• I2C-bus serial I/O port with byte-oriented master and slave
functions.
• Two enhanced UARTs with independent baud rates.
• Seven software interrupts.
• Active low reset output pin indicates all reset occurrences
(external reset, watchdog reset and the RESET instruction). A
reset source register allows program determination of the cause of
the most recent reset.
• 50 I/O pins, each with 4 programmable output configurations.
• 30 MHz operating frequency at 2.7–5.5 V V
DD.
• Power saving operating modes: Idle and Power-down. Wake-up
from power-down via an external interrupt is supported.
• 68-pin PLCC and 80-pin PQFP packages.
ORDERING INFORMATION
ROMless
ROM
EPROM
TEMPERATURE RANGE (
°C)
AND PACKAGE
FREQ.
(MHz)
DRAWING
NUMBER
PXAS30KBA
PXAS33KBA
PXAS37KBA
OTP
0 to +70, Commercial
68-pin Plastic Leaded Chip Carrier
30
SOT188-3
PXAS30KBBE
PXAS33KBBE
PXAS37KBBE
OTP
0 to +70, Commercial
80-pin Plastic Low Profile Quad Flat Pack
30
SOT315-1
PXAS30KFA
PXAS33KFA
PXAS37KFA
OTP
–40
°C to +85°C, Industrial 68-pin Plastic
Leaded Chip Carrier
30
SOT188-3
PXAS30KFBE
PXAS33KFBE
PXAS37KFBE
OTP
–40
°C to +85°C, Industrial 80-pin Plastic Low
Profile Quad Flat Pack
30
SOT315-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com