Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS37KBA Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PXAS37KBA
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS37KBA Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PXAS37KBA Datasheet HTML 4Page - NXP Semiconductors PXAS37KBA Datasheet HTML 5Page - NXP Semiconductors PXAS37KBA Datasheet HTML 6Page - NXP Semiconductors PXAS37KBA Datasheet HTML 7Page - NXP Semiconductors PXAS37KBA Datasheet HTML 8Page - NXP Semiconductors PXAS37KBA Datasheet HTML 9Page - NXP Semiconductors PXAS37KBA Datasheet HTML 10Page - NXP Semiconductors PXAS37KBA Datasheet HTML 11Page - NXP Semiconductors PXAS37KBA Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
8
MNEMONIC
NAME AND FUNCTION
TYPE
PIN NUMBER
MNEMONIC
NAME AND FUNCTION
TYPE
LQFP
PLCC
P1.0 – P1.7
35–42
32–39
I/O
Port 1: Port 1 is an 8-bit I/O port with a user-configurable output type. Port 1 latches have
1s written to them and are configured in the quasi-bidirectional mode during reset. The
operation of port 1 pins as inputs and outputs depends upon the port configuration
selected. Each port pin is configured independently. Refer to the section on I/O port
configuration and the DC Electrical Characteristics for details.
Port 1 also provides various special functions as described below:
35
32
O
A0/WRH (P1.0)
Address bit 0 of the external address bus when the eternal data
bus is configured for an 8-bit width. When the external data bus
is configured for a 16-bit width, this pin becomes the high byte
write strobe.
36
33
O
A1 (P1.1):
Address bit 1 of the external address bus.
37
34
O
A2 (P1.2):
Address bit 2 of the external address bus.
38
35
O
A3 (P1.3):
Address bit 3 of the external address bus.
39
36
I
RxD1 (P1.4):
Serial port 1 receiver input.
40
37
O
TxD1 (P1.5):
Serial port 1 transmitter output.
41
38
I/O
T2 (P1.6):
Timer/counter 2 external count input or overflow output.
42
39
O
T2EX (P1.7):
Timer/counter 2 reload/capture/direction control.
P2.0 – P2.7
59–66
58, 59,
61–66
I/O
Port 2: Port 2 is an 8-bit I/O port with a user-configurable output type. Port 2 latches have
1s written to them and are configured in the quasi-bidirectional mode during reset. The
operation of port 2 pins as inputs and outputs depends upon the port configuration
selected. Each port pin is configured independently. Refer to the section on I/O port
configuration and the DC Electrical Characteristics for details.
When the external program/data bus is used in 16-bit mode, Port 2 becomes the
multiplexed high data/instruction byte and address lines 12 through 19. When the external
data/address bus is used in 8-bit mode, the number of address lines that appear on Port 2
is user programmable in groups of 4 bits.
P3.0 – P3.7
11–18
3–10
I/O
Port 3: Port 3 is an 8-bit I/O port with a user-configurable output type. Port 3 latches have
1s written to them and are configured in the quasi-bidirectional mode during reset. The
operation of port 3 pins as inputs and outputs depends upon the port configuration
selected. Each port pin is configured independently. Refer to the section on I/O port
configuration and the DC Electrical Characteristics for details.
Port 3 also provides the various special functions as described below:
11
3
I
RxD0 (P3.0):
Receiver input for serial port 0.
12
4
O
TxD0 (P3.1):
Transmitter output for serial port 0.
13
5
I
INT0 (P3.2):
External interrupt 0 input.
14
6
I
INT1 (P3.3):
External interrupt 1 input.
15
7
I/O
T0 (P3.4):
Timer/counter 0 external count input or overflow output.
16
8
I/O
T1 / BUSW (P3.5):
Timer/counter 1 external count input or overflow output. The
value on this pin is latched as an external chip reset is
completed and defines the default external data bus width.
17
9
O
WRL (P3.6):
External data memory low byte write strobe.
18
10
O
RD (P3.7):
External data memory read strobe.
P4.0 – P4.7
3–10
73–79, 2
I/O
Port 4: Port 4 is an 8-bit I/O port with a user-configurable output type. Port 4 latches have
1s written to them and are configured in the quasi-bidirectional mode during reset. The
operation of Port 4 pins as inputs and outputs depends upon the port configuration
selected. Each port pin is configured independently. Refer to the section on I/O port
configuration and the DC Electrical Characteristics for details.
Port 4 also provides various special functions as described below:
3
73
I
ECI (P4.0):
PCA External clock input.
4
74
I/O
CEX0 (P4.1):
Capture/compare external I/O for PCA module 0.
5
75
I/O
CEX1 (P4.2):
Capture/compare external I/O for PCA module 1.
6
76
I/O
CEX2 (P4.3):
Capture/compare external I/O for PCA module 2.
7
77
I/O
CEX3 (P4.4):
Capture/compare external I/O for PCA module 3.
8
78
I/O
CEX4 (P4.5):
Capture/compare external I/O for PCA module 4.
9
79
O
A20 (P4.6):
Address bit 20 of the external address bus.
10
2
O
A21 (P4.7):
Address bit 21 of the external address bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com