Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS37KBA Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PXAS37KBA
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS37KBA Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PXAS37KBA Datasheet HTML 9Page - NXP Semiconductors PXAS37KBA Datasheet HTML 10Page - NXP Semiconductors PXAS37KBA Datasheet HTML 11Page - NXP Semiconductors PXAS37KBA Datasheet HTML 12Page - NXP Semiconductors PXAS37KBA Datasheet HTML 13Page - NXP Semiconductors PXAS37KBA Datasheet HTML 14Page - NXP Semiconductors PXAS37KBA Datasheet HTML 15Page - NXP Semiconductors PXAS37KBA Datasheet HTML 16Page - NXP Semiconductors PXAS37KBA Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
13
SU01219
FFFFFh
8000h
7FFFh
0000h
Up to 16 MB
Total Code
Memory
32 kB On-chip
Code Memory
Figure 1. XA-S3 program memory map
SU01220
FFFFh
0400h
03FFh
0000h
Data Memory
(Indirectly Addressed,
Off-Chip)
Data Memory
(Directly or Indirectly
Addressable, On-Chip
Data Segment 0
(Bit-Addressable
Data Area)
Data Memory
(Directly or Indirectly
Addressable, On-Chip
0040h
003Fh
0020h
001Fh
0000h
Data Memory
(Indirectly Addressed,
Off-Chip)
Data Memory
(Directly or Indirectly
Addressable, On-Chip
Other Data Segments
(Bit-Addressable
Data Area)
Data Memory
(Directly or Indirectly
Addressable, Off-Chip
1 kB
On-Chip Data
Memory
(RAM)
Directly
Addressed
Data
(1 k per
Segment)
FFFFh
0400h
03FFh
0040h
003Fh
0020h
001Fh
Figure 2. XA-S3 data memory map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com