Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1908 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX1908
Description  Low-Cost Multichemistry Battery Chargers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1908 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX1908 Datasheet HTML 20Page - Maxim Integrated Products MAX1908 Datasheet HTML 21Page - Maxim Integrated Products MAX1908 Datasheet HTML 22Page - Maxim Integrated Products MAX1908 Datasheet HTML 23Page - Maxim Integrated Products MAX1908 Datasheet HTML 24Page - Maxim Integrated Products MAX1908 Datasheet HTML 25Page - Maxim Integrated Products MAX1908 Datasheet HTML 26Page - Maxim Integrated Products MAX1908 Datasheet HTML 27Page - Maxim Integrated Products MAX1908 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Low-Cost Multichemistry Battery Chargers
24
______________________________________________________________________________________
The crossover frequency is given by:
The CCI loop dominant compensation pole:
where the GMI amplifier output impedance, ROGMI =
10M
Ω.
To calculate the CCI loop compensation pole, CCI:
GMI = 1µA/mV
GMOUT = 3.33A/V
ROGMI = 10M
Ω
f = 400kHz
Choose crossover frequency fCO_CI to be 1/5th the
MAX1908/MAX8724/MAX8765 switching frequency:
Solving for CCI, CCI = 2nF.
To be conservative, set CCI = 10nF, which sets the
crossover frequency at:
The compensation pole, fP_CI is set at:
CCS Loop Definitions
Compensation of the CCS loop depends on the parame-
ters and components shown in Figure 9. CCS is the CCS
loop compensation capacitor. ACSS is the internal gain of
the current-sense amplifier. RS1 is the input current-
sense resistor, RS1 = 10m
Ω. ROGMS is the equivalent
output impedance of the GMS amplifier
≥ 10MΩ. GMS is
f
GMI
RC
Hz
PCI
OGMI
CI
_
.
=
×
=
2
0 0016
π
f
GMI
nF
kHz
CO CI
_
==
210
16
π
f
GMI
C
kHz
CO CI
CI
_
==
2
80
π
f
RC
PCI
OGMI
CI
_
=
×
1
2
π
f
GMI
C
CO CI
CI
_
=
2
π
GMOUT
CCI
GMI
ICTL
CCI
ROGMI
CSIP
CSIN
CSI
RS2
Figure 7. CCI Loop Diagram
CCI LOOP GAIN
vs. FREQUENCY
FREQUENCY (Hz)
100k
10k
1
10
100
1k
-40
-20
0
20
40
60
80
100
-60
0.1
1M
CCI LOOP PHASE
vs. FREQUENCY
FREQUENCY (Hz)
100k
10k
1k
100
10
1
-90
-75
-60
-45
-30
-15
0
-105
0.1
1M
Figure 8. CCI Loop Gain/Phase vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com