Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1908 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1908
Description  Low-Cost Multichemistry Battery Chargers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1908 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1908 Datasheet HTML 1Page - Maxim Integrated Products MAX1908 Datasheet HTML 2Page - Maxim Integrated Products MAX1908 Datasheet HTML 3Page - Maxim Integrated Products MAX1908 Datasheet HTML 4Page - Maxim Integrated Products MAX1908 Datasheet HTML 5Page - Maxim Integrated Products MAX1908 Datasheet HTML 6Page - Maxim Integrated Products MAX1908 Datasheet HTML 7Page - Maxim Integrated Products MAX1908 Datasheet HTML 8Page - Maxim Integrated Products MAX1908 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Low-Cost Multichemistry Battery Chargers
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VDCIN = VCSSP = VCSSN = 18V, VBATT = VCSIP = VCSIN = 12V, VREFIN = 3V, VVCTL = VICTL = 0.75 x VREFIN, CELLS = float, CLS =
REF, VBST - VLX = 4.5V, ACIN = GND = PGND = 0, CLDO = 1µF, LDO = DLOV, CREF = 1µF; CCI, CCS, and CCV are compensated
per Figure 1a; TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TRIP POINTS
VDCIN falling, referred to VCSIN
(MAX1908/MAX8724 only)
50
100
150
BATT Power-Fail Threshold
VCSSP falling, referred to VCSIN
(MAX8765 only)
50
100
150
mV
BATT Power-Fail Threshold
Hysteresis
200
mV
ACIN rising (MAX8765 only)
2.028
2.048
2.068
V
ACIN Threshold
ACIN rising (MAX1908/MAX8724 only)
2.007
2.048
2.089
V
ACIN Threshold Hysteresis
0.5% of REF
20
mV
ACIN Input Bias Current
VACIN = 2.048V
-1
+1
µA
SWITCHING REGULATOR
DHI Off-Time
VBATT = 16V, VDCIN = 19V,
VCELLS = VREFIN
0.36
0.4
0.44
µs
DHI Minimum Off-Time
VBATT = 16V, VDCIN = 17V,
VCELLS = VREFIN
0.24
0.28
0.33
µs
DHI Maximum On-Time
2.5
5
7.5
ms
DLOV Supply Current
IDLOV
DLO low
5
10
µA
BST Supply Current
IBST
DHI high
6
15
µA
BST Input Quiescent Current
VDCIN = 0, VBST = 24.5V,
VBATT = VLX = 20V
0.3
1
µA
LX Input Bias Current
VDCIN = 28V, VBATT = VLX = 20V
150
500
µA
LX Input Quiescent Current
VDCIN = 0, VBATT = VLX = 20V
0.3
1
µA
DHI Maximum Duty Cycle
99
99.9
%
Minimum Discontinuous-Mode
Ripple Current
0.5
A
Battery Undervoltage Charge
Current
VBATT = 3V per cell (RS2 = 15m
Ω),
MAX1908 only, VBATT rising
150
300
450
mA
CELLS = GND, MAX1908 only, VBATT rising
6.1
6.2
6.3
CELLS = float, MAX1908 only, VBATT rising
9.15
9.3
9.45
Battery Undervoltage Current
Threshold
CELLS = VREFIN, MAX1908 only, VBATT rising
12.2
12.4
12.6
V
DHI On-Resistance High
VBST - VLX = 4.5V, IDHI = +100mA
4
7
Ω
DHI On-Resistance Low
VBST - VLX = 4.5V, IDHI = -100mA
1
3.5
Ω
DLO On-Resistance High
VDLOV = 4.5V, IDLO = +100mA
4
7
Ω
DLO On-Resistance Low
VDLOV = 4.5V, IDLO = -100mA
1
3.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com