Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS37KBBE Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PXAS37KBBE
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS37KBBE Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PXAS37KBBE Datasheet HTML 15Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 16Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 17Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 18Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 19Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 20Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 21Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 22Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
19
CR0, CR1, and CR2, the Clock Rate Bits
These three bits determine the serial clock frequency when the I2C
interface is in a master mode. An I2C rate of 100kHz or lower is
typical and can be derived from many oscillator frequencies. The
various serial rates are shown in Table 4. A variable bit rate may
also be used if Timer 1 is not required for any other purpose while
the I2C hardware is in a master mode. The frequencies shown in
Table 4 are unimportant when the I2C hardware is in a slave mode.
In the slave modes, the hardware will automatically synchronize with
the incoming clock frequency.
The I2C Status Register, I2STA
I2STA is an 8-bit read-only special function register. The three least
significant bits are always zero. The five most significant bits contain
the status code. There are 26 possible status codes. When I2STA
contains F8H, no relevant state information is available and no serial
interrupt is requested. All other I2STA values correspond to defined
hardware interface states. When each of these states is entered, a
serial interrupt is requested (SI = “1”).
NOTE: A detailed I2C interface description and usage
information, including example driver code, will be provided in
a separate document.
Table 4. I2C Rate Control
Frequency Select
Clock Divisor
Example I2C Rates at Specific Oscillator Frequencies
qy
(CR2, CR1, CR0)
Clock Divisor
8 MHz
12 MHz
16 MHz
20 MHz
24 MHz
30 MHz
0h (0000)
20
(400)1
–
–
–
–
–
1h (0001)
40
(200)1
(300)1
(400)1
–
–
–
2h (0010)
68
(116.65)1
(176.46)1
(235.29)1
(294.12)1
(352.94)1
–
3h (0011)
88
90.91
(136.36)1
(181.82)1
(227.27)1
(272.73)1
(340.91)1
4h (0100)
160
50
75
100
(125)1
(150)1
(187.5)1
5h (0101)
272
29.41
44.12
58.82
73.53
88.24
(110.29)1
6h (0110)
352
22.73
34.09
45.45
56.82
68.18
85.23
7h (0111)
(Timer 1)2
(Timer 1)2
(Timer 1)2
(Timer 1)2
(Timer 1)2
(Timer 1)2
(Timer 1)2
NOTES:
1. The XA-S3 I2C interface does not conform to the 400kHz I2C specification (which applies to rates greater than 100kHz) in all details, but
may be used with care where higher rates are required by the application.
2. The timer 1 overflow is used to clock the I2C interface. The resulting bit rate is 1/2 of the timer overflow rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com