Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXAS37KBBE Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PXAS37KBBE
Description  XA 16-bit microcontroller 32K/1K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage 2.7 V.5.5 V, I2C, 2 UARTs, 16MB address range
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PXAS37KBBE Datasheet(HTML) 3 Page - NXP Semiconductors

  PXAS37KBBE Datasheet HTML 1Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 2Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 3Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 4Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 5Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 6Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 7Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 8Page - NXP Semiconductors PXAS37KBBE Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 52 page
background image
Philips Semiconductors
Preliminary specification
XA-S3
XA 16-bit microcontroller
32 K/1 K OTP/ROM/ROMless, 8-channel 8-bit A/D, low voltage (2.7 V–5.5 V),
I2C, 2 UARTs, 16 MB address range
2000 Dec 01
3
PIN CONFIGURATIONS
68-pin PLCC package
10
11
12
13
14
15
16
30
31
32
33
34
35
36
P4.7/A21
P3.0/RxD0
P3.1/TxD0
P3.2/INT0
P3.3/INT1
P3.5/T1/BUSW
P3.4/T0
37
38
28
29
17
18
19
20
P3.6/WRL
P3.7/RD
VSS
RSTOUT
PLASTIC LEADED CHIP CARRIER
SU00936
21
22
23
24
25
26
VDD
EA/WAIT/VPP
P5.0/AD0
P5.1/AD1
P5.3/AD3
P5.2/AD2
39
40
41
42
43
60
59
58
57
56
55
54
P2.1/A13D9
P2.0/A12D8
P0.7/A11D7
P0.6/A10D6
P0.5/A9D5
VDD
VSS
53
52
51
50
P0.4/A8D4
P0.3/A7D3
RST
P0.2/A6D2
49
48
47
46
45
44
CLKOUT
PSEN
ALE/PROG
P0.1/A5D1
P6.1/A23
P0.0/A4D0
44
7
654
32
1
68
67
98
66
65
64
63
62
61
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com