Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 3 Page - Cirrus Logic

  CS8952_07 Datasheet HTML 1Page - Cirrus Logic CS8952_07 Datasheet HTML 2Page - Cirrus Logic CS8952_07 Datasheet HTML 3Page - Cirrus Logic CS8952_07 Datasheet HTML 4Page - Cirrus Logic CS8952_07 Datasheet HTML 5Page - Cirrus Logic CS8952_07 Datasheet HTML 6Page - Cirrus Logic CS8952_07 Datasheet HTML 7Page - Cirrus Logic CS8952_07 Datasheet HTML 8Page - Cirrus Logic CS8952_07 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 81 page
background image
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
3
DS206F1
1.
SPECIFICATIONS AND CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS (AVSS, DVSS = 0 V, all voltages with respect to 0 V.)
WARNING:
Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS (AVSS, DVSS = 0 V, all voltages with respect
to 0 V.)
QUARTZ CRYSTAL REQUIREMENTS (If a 25 MHz quartz crystal is used, it must meet the fol-
lowing specifications.)
Parameter
Symbol
Min
Max
Unit
Power Supply
VDD
VDD_MII
-0.3
-0.3
6.0
6.0
V
Input Current
Except Supply Pins
-
+/-10.0
mA
Input Voltage
-0.3
VDD + 0.3
V
Ambient Temperature
Power Applied
-55
+125
°C
Storage Temperature
-65
+150
°C
Parameter
Symbol
Min
Max
Unit
Power Supply
Core
MII
VDD
VDD_MII
4.75
3.0
5.25
5.25
V
V
Operating Ambient Temperature
TA
070
°C
Parameter
Min
Typ
Max
Unit
Parallel Resonant Frequency
-
25.0
-
MHz
Resonant Frequency Error (CL = 15 pF)
-50
-
+50
ppm
Resonant Frequency Change Over Operating Temperature
-40
-
+40
ppm
Crystal Load Capacitance
-
15
-
pF
Motional Crystal Capacitance
-
0.021
-
pF
Series Resistance
-
-
18
Ω
Shunt Capacitance
-
-
7
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com