Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8952 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS8952
Description  CrystalLAN 100BASE-X and 10BASE-T Transceiver
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8952 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS8952_07 Datasheet HTML 37Page - Cirrus Logic CS8952_07 Datasheet HTML 38Page - Cirrus Logic CS8952_07 Datasheet HTML 39Page - Cirrus Logic CS8952_07 Datasheet HTML 40Page - Cirrus Logic CS8952_07 Datasheet HTML 41Page - Cirrus Logic CS8952_07 Datasheet HTML 42Page - Cirrus Logic CS8952_07 Datasheet HTML 43Page - Cirrus Logic CS8952_07 Datasheet HTML 44Page - Cirrus Logic CS8952_07 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 81 page
background image
CS8952
CrystalLAN™ 100BASE-X and 10BASE-T Transceiver
41
DS206F1
6.9
Interrupt Mask Register - Address 10h
This register indicates which events will cause an interrupt event on the MII_IRQ pin. Each bit acts as
an enable to the interrupt. Thus, when set, the event will cause the MII_IRQ pin to be asserted. When
clear, the event will not affect the MII_IRQ pin, but the status will still be reported via the Interrupt Sta-
tus Register (address 11h).
15
14
13
12
11
10
9
8
CIM Link
Unstable
Link Status
Change
Descrambler
Lock Change
Premature End
Error
DCR
Rollover
FCCR
Rollover
RECR
Rollover
Remote
Loopback
Fault
7
654
32
10
Reset
Complete
Jabber
Detect
Auto-Neg
Complete
Parallel
Detection Fault
Parallel
Fail
Remote
Fault
Page
Received
Reserved
BIT
NAME
TYPE
RESET
DESCRIPTION
15
CIM Link Unstable
Read/Write 0
When set, an interrupt will be generated if an unsta-
ble link condition is detected by the Carrier Integrity
Monitor function.
Note: This bit is disabled, and writes to this bit are
ignored when the National Compatibility Mode bit of
the 10BASE-T Configuration Register (address 1Ch)
is set.
14
Link Status Change Read Write 1
When set, an interrupt will be generated each time
the CS8952 detects a change in the link status.
Note: This bit is disabled, and writes to this bit are
ignored when the National Compatibility Mode bit of
the 10BASE-T Configuration Register (address 1Ch)
is set.
13
Descrambler Lock
Change
Read/Write 0
When set, an interrupt will be generated each time
the 100BASE-TX receive descrambler loses or
regains synchronization with the far-end.
Note: This bit is disabled, and writes to this bit are
ignored when the National Compatibility Mode bit of
the 10BASE-T Configuration Register (address 1Ch)
is set.
12
Premature End
Error
Read/Write 0
When set, an interrupt will be generated when two
consecutive IDLES are detected in a 100BASE-TX
frame without the ESD sequence.
Note: This bit is disabled, and writes to this bit are
ignored when the National Compatibility Mode bit of
the 10BASE-T Configuration Register (address 1Ch)
is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com