Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CSZR Datasheet(PDF) 83 Page - Cirrus Logic

Part # CS8420-CSZR
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSZR Datasheet(HTML) 83 Page - Cirrus Logic

Back Button CS8420-CSZR Datasheet HTML 79Page - Cirrus Logic CS8420-CSZR Datasheet HTML 80Page - Cirrus Logic CS8420-CSZR Datasheet HTML 81Page - Cirrus Logic CS8420-CSZR Datasheet HTML 82Page - Cirrus Logic CS8420-CSZR Datasheet HTML 83Page - Cirrus Logic CS8420-CSZR Datasheet HTML 84Page - Cirrus Logic CS8420-CSZR Datasheet HTML 85Page - Cirrus Logic CS8420-CSZR Datasheet HTML 86Page - Cirrus Logic CS8420-CSZR Datasheet HTML 87Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 94 page
background image
DS245F4
83
CS8420
.
15.1.2
Reserving the First 5 Bytes in the E Buffer
D-to-E buffer transfers periodically overwrite the data stored in the E buffer. This can be a problem for
users who want to transmit certain channel status settings which are different from the incoming settings.
In this case, the user would have to superimpose his settings on the E buffer after every D-to-E overwrite.
To avoid this problem, the CS8420 has the capability of reserving the first 5 bytes of the E buffer for user
writes only. When this capability is in use, internal D-to-E buffer transfers will NOT affect the first 5 bytes
of the E buffer. Therefore, the user can set values in these first 5 E bytes once, and the settings will persist
until the next user change. This mode is enabled via the Channel Status Data Buffer Control register.
15.1.3
Serial Copy Management System (SCMS)
In Software mode, the CS8420 allows read/modify/write access to all the channel status bits. For Con-
sumer mode SCMS compliance, the host microcontroller needs to read and manipulate the Category
Code, Copy bit and L bit appropriately.
In Hardware mode, the SCMS protocol can be followed by either using the COPY and ORIG input pins,
or by using the C bit serial input pin. These options are documented in the Hardware mode section of this
data sheet (See “Hardware Modes” on page 55)
15.1.4
Channel Status Data E Buffer Access
The E buffer is organized as 24 x 16-bit words. For each word the MS Byte is the A channel data, and the
LS Byte is the B channel data (see Figure 37).
There are two methods of accessing this memory, known as one-byte mode and two-byte mode. The de-
sired mode is selected via a control register bit.
E to Finterrupt occurs
Optionally set E to F inhibit
Clear D to E inhibit
If set, clear E to F inhibit
Return
Set D to E inhibit
Write E data
Wait for E to F transfer
Figure 40. Flowchart for Writing the E Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com