Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8420-CSZR Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS8420-CSZR
Description  DIGITAL AUDIO SAMPLE RATE CONVERTER
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8420-CSZR Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS8420-CSZR Datasheet HTML 29Page - Cirrus Logic CS8420-CSZR Datasheet HTML 30Page - Cirrus Logic CS8420-CSZR Datasheet HTML 31Page - Cirrus Logic CS8420-CSZR Datasheet HTML 32Page - Cirrus Logic CS8420-CSZR Datasheet HTML 33Page - Cirrus Logic CS8420-CSZR Datasheet HTML 34Page - Cirrus Logic CS8420-CSZR Datasheet HTML 35Page - Cirrus Logic CS8420-CSZR Datasheet HTML 36Page - Cirrus Logic CS8420-CSZR Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 94 page
background image
DS245F4
33
CS8420
Addr
(HEX)
Function
7
6
5
4
3
2
1
0
01
Control 1
SWCLK
VSET
MUTESAO
MUTEAES
DITH
INT1
INT0
TCBLD
02
Control 2
TRUNC
HOLD1
HOLD0
RMCKF
MMR
MMT
MMTCS
MMTLR
03
Data Flow Control
AMLL
TXOFF
AESBP
TXD1
TXD0
SPD1
SPD0
SRCD
04
Clock Source Control
0
RUN
CLK1
CLK0
OUTC
INC
RXD1
RXD0
05
Serial Input Format
SIMS
SISF
SIRES1
SIRES0
SIJUST
SIDEL
SISPOL
SILRPOL
06
Serial Output Format
SOMS
SOSF
SORES1
SORES0
SOJUST
SODEL
SOSPOL
SOLRPOL
07
Interrupt 1 Status
TSLIP
OSLIP
SRE
OVRGL
OVRGR
DETC
EFTC
RERR
08
Interrupt 2 Status
0
0
VFIFO
REUNLOCK
DETU
EFTU
QCH
UOVW
09
Interrupt 1 Mask
TSLIPM OSLIPM
SREM
OVRGLM
OVRGRM
DETCM
EFTCM
RERRM
0A
Interrupt 1 Mode (MSB)
TSLIP1
OSLIP1
SRE1
OVRGL1
OVRGR1
DETC1
EFTC1
RERR1
0B
Interrupt 1 Mode (LSB)
TSLIP0
OSLIP0
SRE0
OVRGL0
OVRGR0
DETC0
EFTC0
RERR0
0C
Interrupt 2 Mask
0
0
VFIFOM
REUNLOCKM
DETUM
EFTUM
QCHM
UOVWM
0D
Interrupt 2 Mode (MSB)
0
0
VFIFO1
REUNLOCK1
DETU1
EFTU1
QCH1
UOVW1
0E
Interrupt 2 Mode (LSB)
0
0
VFIFO0
REUNLOCK0
DETU0
EFTU0
QCH0
UOVW0
0F
Receiver CS Data
AUX3
AUX2
AUX1
AUX0
PRO
AUDIO
COPY
ORIG
10
Receiver Errors
0
QCRC
CCRC
UNLOCK
V
CONF
BIP
PAR
11
Receiver Error Mask
0
QCRCM
CCRCM
UNLOCKM
VM
CONFM
BIPM
PARM
12
CS Data Buffer Control
0
0
BSEL
CBMR
DETCI
EFTCI
CAM
CHS
13
U Data Buffer Control
0
0
0
UD
UBM1
UBM0
DETUI
EFTUI
14-1D Q Sub-Code Data
1E
Sample Rate Ratio
SRR7
SRR6
SRR5
SRR4
SRR3
SRR2
SRR1
SRR0
20-37 C or U Data Buffer
7F
ID and Version
ID3
ID2
ID1
ID0
VER3
VER2
VER1
VER0
Table 4. Summary of all Bits in the Control Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com