Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB42428 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CDB42428
Description  110 dB, 192 kHz 6-Ch Codec with PLL
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB42428 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CDB42428 Datasheet HTML 45Page - Cirrus Logic CDB42428 Datasheet HTML 46Page - Cirrus Logic CDB42428 Datasheet HTML 47Page - Cirrus Logic CDB42428 Datasheet HTML 48Page - Cirrus Logic CDB42428 Datasheet HTML 49Page - Cirrus Logic CDB42428 Datasheet HTML 50Page - Cirrus Logic CDB42428 Datasheet HTML 51Page - Cirrus Logic CDB42428 Datasheet HTML 52Page - Cirrus Logic CDB42428 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 73 page
background image
DS602F1
49
CS42416
6.7.4
MASTER CLOCK SOURCE SELECT (SW_CTRLX)
Default = 00
Function:
These two bits, along with the UNLOCK bit in register “Interrupt Status (address 20h) (Read Only)”
on page 56, determine the master clock source for the CS42416. When SW_CTRL1 and SW_CTRL0
are set to '00'b, selecting the output of the PLL as the internal clock source, and the PLL becomes
unlocked, RMCK will equal OMCK, but all internal and serial port timings are not valid.
When the FRC_PLL_LK bit is set to ‘1’b, the SW_CTRLX bits must be set to ‘00’b. If the PLL becomes
unlocked when the FRC_PLL_LK bit is set to ‘1’b, RMCK will not equal OMCK.
6.7.5
FORCE PLL LOCK (FRC_PLL_LK)
Default = 0
Function:
This bit is used to enable the PLL to lock to the ADC_LRCK with the absence of a clock signal on
OMCK. When set to a ‘1’b, the auto-detect sample frequency feature will be disabled and the
SW_CTRLX bits must be set to ‘00’b. The OMCK/PLL_CLK Ratio (address 07h) (Read Only) register
contents are not valid, and the PLL_CLK[2:0] bits will be set to ‘111’b. Use the DE-EMPH[1:0] bits to
properly apply de-emphasis filtering.
6.8
OMCK/PLL_CLK Ratio (address 07h) (Read Only)
6.8.1
OMCK/PLL_CLK RATIO (RATIOX)
Default = xxxxxxxx
Function:
This register allows the user to find the exact absolute frequency of the recovered MCLK coming from
the PLL. This value is represented as an integer (RATIO7:6) and a fractional (RATIO5:0) part. For
example, an OMCK/PLL_CLK ratio of 1.5 would be displayed as 60h.
SW_CTRL1 SW_CTRL0
UNLOCK
Description
0
0
X
Manual setting, MCLK sourced from PLL.
0
1
X
Manual setting, MCLK sourced from OMCK.
10
0
1
Hold, keep same MCLK source.Auto switch, MCLK
sourced from OMCK.
11
0
1
Auto switch, MCLK sourced from PLL.
Auto switch, MCLK sourced from OMCK.
Table 11. Master Clock Source Select
7
6
5
432
10
RATIO7(21)RATIO6(20)RATIO5(2-1)RATIO4(2-2)
RATIO3(2-3)RATIO2(2-4)
RATIO1(2-5)RATIO0(2-6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com