Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB42428 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CDB42428
Description  110 dB, 192 kHz 6-Ch Codec with PLL
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB42428 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CDB42428 Datasheet HTML 35Page - Cirrus Logic CDB42428 Datasheet HTML 36Page - Cirrus Logic CDB42428 Datasheet HTML 37Page - Cirrus Logic CDB42428 Datasheet HTML 38Page - Cirrus Logic CDB42428 Datasheet HTML 39Page - Cirrus Logic CDB42428 Datasheet HTML 40Page - Cirrus Logic CDB42428 Datasheet HTML 41Page - Cirrus Logic CDB42428 Datasheet HTML 42Page - Cirrus Logic CDB42428 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
DS602F1
39
CS42416
5. REGISTER QUICK REFERENCE
Addr Function
7
6
5
4
3
2
1
0
01h
ID
Chip_ID3
Chip_ID2
Chip_ID1
Chip_ID0
Rev_ID3
Rev_ID2
Rev_ID1
Rev_ID0
page 42
default
11
1
0
X
X
X
X
02h
Power Con-
trol
Reserved
PDN_PLL
PDN_ADC
Reserved
PDN_DAC3
PDN_DAC2
PDN_DAC1
PDN
page 43
default
0
0
0
000
0
1
03h
Functional
Mode
DAC_FM1
DAC_FM0
ADC_FM1
ADC_FM0
Reserved
ADC_CLK
SEL
DAC_DEM
Reserved
page 43
default
0
0
0
000
0
0
04h
Interface
Formats
DIF1
DIF0
ADC_OL1
ADC_OL0
DAC_OL1
DAC_OL0
Reserved
CODEC_RJ16
page 45
default
0
1
0
000
0
0
05h
Misc Control
Ext ADC
SCLK
HiZ_RMCK
Reserved
FREEZE
FILTSEL
HPF_
FREEZE
DAC_SP
M/S
ADC_SP
M/S
page 46
default
0
0
0
000
0
0
06h
Clock Con-
trol
RMCK_DIV1
RMCK_DIV0
OMCK
Freq1
OMCK
Freq0
PLL_LRCK
SW_CTRL1
SW_CTRL0
FRC_PLL_LK
page 48
default
0
0
0
000
0
0
07h
OMCK/PLL_
CLK Ratio
RATIO7
RATIO6
RATIO5
RATIO4
RATIO3
RATIO2
RATIO1
RATIO0
page 49
default
XX
X
X
X
X
X
X
08h
Clock Status
Reserved
Reserved
Reserved
Reserved
Active_CLK
PLL_CLK2
PLL_CLK1
PLL_CLK0
page 50
default
XX
X
X
X
X
X
X
09h-
0Ch
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
X
X
X
X
X
X
X
X
0Dh
Volume
Control
Reserved
SNGVOL
SZC1
SZC0
AMUTE
Reserved
RAMP_UP
RAMP_DN
page 51
default
0
0
0
010
0
0
0Eh
Channel
Mute
Reserved
Reserved
B3_MUTE
A3_MUTE
B2_MUTE
A2_MUTE
B1_MUTE
A1_MUTE
page 52
default
0
0
0
000
0
0
0Fh
Vol. Control
A1
A1_VOL7
A1_VOL6
A1_VOL5
A1_VOL4
A1_VOL3
A1_VOL2
A1_VOL1
A1_VOL0
page 53
default
0
0
0
000
0
0
10h
Vol. Control
B1
B1_VOL7
B1_VOL6
B1_VOL5
B1_VOL4
B1_VOL3
B1_VOL2
B1_VOL1
B1_VOL0
page 53
default
0
0
0
000
0
0
11h
Vol. Control
A2
A2_VOL7
A2_VOL6
A2_VOL5
A2_VOL4
A2_VOL3
A2_VOL2
A2_VOL1
A2_VOL0
page 53
default
0
0
0
000
0
0
12h
Vol. Control
B2
B2_VOL7
B2_VOL6
B2_VOL5
B2_VOL4
B2_VOL3
B2_VOL2
B2_VOL1
B2_VOL0
page 53
default
0
0
0
000
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com