Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42518 Datasheet(PDF) 79 Page - Cirrus Logic

Part # CS42518
Description  110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42518 Datasheet(HTML) 79 Page - Cirrus Logic

Back Button CS42518 Datasheet HTML 75Page - Cirrus Logic CS42518 Datasheet HTML 76Page - Cirrus Logic CS42518 Datasheet HTML 77Page - Cirrus Logic CS42518 Datasheet HTML 78Page - Cirrus Logic CS42518 Datasheet HTML 79Page - Cirrus Logic CS42518 Datasheet HTML 80Page - Cirrus Logic CS42518 Datasheet HTML 81Page - Cirrus Logic CS42518 Datasheet HTML 82Page - Cirrus Logic CS42518 Datasheet HTML 83Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 91 page
background image
DS584F1
79
CS42518
10.1.2
Jitter Attenuation
Figures 28 and 29 show the jitter-attenuation characteristics for the 32-192 kHz sample rate range when
used with the external PLL component values and locking modes as specified in Table 21.
The AES3 and IEC60958-4 specifications do not have allowances for locking to sample rates less than
32 kHz or for locking to the SAI_LRCK input. These specifications state a maximum of 2 dB jitter gain or
peaking.
Figure 28. Jitter-Attenuation Characteristics of PLL - Configurations 1 & 2
Figure 29. Jitter-Attenuation Characteristics of PLL - Configuration 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com