Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42518 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS42518
Description  110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42518 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS42518 Datasheet HTML 9Page - Cirrus Logic CS42518 Datasheet HTML 10Page - Cirrus Logic CS42518 Datasheet HTML 11Page - Cirrus Logic CS42518 Datasheet HTML 12Page - Cirrus Logic CS42518 Datasheet HTML 13Page - Cirrus Logic CS42518 Datasheet HTML 14Page - Cirrus Logic CS42518 Datasheet HTML 15Page - Cirrus Logic CS42518 Datasheet HTML 16Page - Cirrus Logic CS42518 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
DS584F1
13
CS42518
SWITCHING CHARACTERISTICS - CONTROL PORT - I²C FORMAT
(For CQZ, TA = -10 to +70° C; For DQZ, TA = -40 to +85° C; VA=VARX = 5 V, VD =VLS= 3.3 V; VLC = 1.8 V to
5.25 V; Inputs: Logic 0 = DGND, Logic 1 = VLC, CL =30pF)
Notes:
17. Data must be held for sufficient time to bridge the transition time, tfc, of SCL.
18. The acknowledge delay is based on MCLK and can limit the maximum transaction speed.
19.
for Single-Speed Mode,
for Double-Speed Mode,
for Quad-Speed Mode
Parameter
Symbol
Min
Max
Unit
SCL Clock Frequency
fscl
-100
kHz
RST Rising Edge to Start
tirs
500
-
ns
Bus Free Time Between Transmissions
tbuf
4.7
-
µs
Start Condition Hold Time (prior to first clock pulse)
thdst
4.0
-
µs
Clock Low time
tlow
4.7
-
µs
Clock High Time
thigh
4.0
-
µs
Setup Time for Repeated Start Condition
tsust
4.7
-
µs
SDA Hold Time from SCL Falling
(Note 17)
thdd
0-
µs
SDA Setup time to SCL Rising
tsud
250
-
ns
Rise Time of SCL and SDA
trc
-1
µs
Fall Time SCL and SDA
tfc
-300
ns
Setup Time for Stop Condition
tsusp
4.7
-
µs
Acknowledge Delay from SCL Falling
(Note 18)
tack
-
(Note 19)
ns
15
256
Fs
×
---------------------
15
128
Fs
×
---------------------
15
64
Fs
×
------------------
t
buf
t
hdst
t
lo w
t
hdd
t
high
t
sud
Stop
S ta rt
SDA
SCL
t
irs
RS T
t
hdst
t
rc
t
fc
t sust
t susp
Sta rt
Stop
R e pe ate d
t
rd
t
fd
t
ack
Figure 3. Control Port Timing - I²C Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com