Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42528 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS42528
Description  114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42528 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS42528 Datasheet HTML 43Page - Cirrus Logic CS42528 Datasheet HTML 44Page - Cirrus Logic CS42528 Datasheet HTML 45Page - Cirrus Logic CS42528 Datasheet HTML 46Page - Cirrus Logic CS42528 Datasheet HTML 47Page - Cirrus Logic CS42528 Datasheet HTML 48Page - Cirrus Logic CS42528 Datasheet HTML 49Page - Cirrus Logic CS42528 Datasheet HTML 50Page - Cirrus Logic CS42528 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 91 page
background image
DS586F1
47
CS42528
6.3
Power Control (address 02h)
6.3.1
POWER DOWN RECEIVER (PDN_RCVRX)
Default = 10
00 - Receiver and PLL in normal operational mode.
01 - Receiver and PLL held in a reset state. Equivalent to setting 11.
10 - Reserved.
11 - Receiver and PLL held in a reset state. Equivalent to setting 01.
Function:
Places the S/PDIF receiver and PLL in a reset state. It is advised that any change of these bits be
made while the DACs are muted or the power-down bit (PDN) is enabled to eliminate the possibility
of audible artifacts.
It should be noted that, for Revision C compatibility, PDN_RCVR1 may be set to ‘0’ and receiver op-
eration may be controlled with the PDN_RCVR0 bit.
6.3.2
POWER DOWN ADC (PDN_ADC)
Default = 0
Function:
When enabled the stereo analog to digital converter will remain in a reset state. It is advised that any
change of this bit be made while the DACs are muted or the power-down bit (PDN) is enabled to elim-
inate the possibility of audible artifacts.
6.3.3
POWER DOWN DAC PAIRS (PDN_DACX)
Default = 0
Function:
When enabled the respective DAC channel pair x (AOUTAx and AOUTBx) will remain in a reset state.
6.3.4
POWER DOWN (PDN)
Default = 1
Function:
The entire device will enter a low-power state when this function is enabled, and the contents of the
control registers are retained in this mode. The power-down bit defaults to ‘enabled’ on power-up and
must be disabled before normal operation can occur.
7
6
5
432
10
PDN_RCVR1
PDN_RCVR0
PDN_ADC
PDN_DAC4
PDN_DAC3
PDN_DAC2
PDN_DAC1
PDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com