Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42528 Datasheet(PDF) 67 Page - Cirrus Logic

Part # CS42528
Description  114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42528 Datasheet(HTML) 67 Page - Cirrus Logic

Back Button CS42528 Datasheet HTML 63Page - Cirrus Logic CS42528 Datasheet HTML 64Page - Cirrus Logic CS42528 Datasheet HTML 65Page - Cirrus Logic CS42528 Datasheet HTML 66Page - Cirrus Logic CS42528 Datasheet HTML 67Page - Cirrus Logic CS42528 Datasheet HTML 68Page - Cirrus Logic CS42528 Datasheet HTML 69Page - Cirrus Logic CS42528 Datasheet HTML 70Page - Cirrus Logic CS42528 Datasheet HTML 71Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 91 page
background image
DS586F1
67
CS42528
6.24.3 AUDIO INDICATOR (AUDIO)
Default = x
Function:
A ‘0’ indicates that the received data is linearly coded PCM audio. A ‘1’ indicates that the received
data is not linearly coded PCM audio.
6.24.4 SCMS COPYRIGHT (COPY)
Default = x
Function:
A ‘0’ indicates that copyright is not asserted, while a ‘1’ indicates that copyright is asserted. If the cat-
egory code is set to General in the incoming S/PDIF digital stream, copyright will always be indicated
by COPY, even when the stream indicates no copyright.
6.24.5 SCMS GENERATION (ORIG)
Default = x
Function:
A ‘0’ indicates that the received data is 1st generation or higher. A ‘1’ indicates that the received data
is original. COPY and ORIG will both be set to ‘1’ if the incoming data is flagged as professional, or if
the receiver is not in use.
6.25
Receiver Errors (address 26h) (Read Only)
6.25.1 CRC ERROR (QCRC)
Default = x
0 - No error
1 - Error
Function:
Indicates a Q-subcode data CRC error. This bit is updated on Q-subcode block boundaries.
6.25.2 REDUNDANCY CHECK (CCRC)
Default = x
0 - No error
1 - Error
Function:
Indicates a channel status block cyclic redundancy. This bit is updated on CS block boundaries, valid
in Professional mode.
7
6
5
432
10
Reserved
QCRC
CCRC
UNLOCK
V
CONF
BIP
PAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com