Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # DSC
Description  Double-Sided Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

DSC Datasheet(HTML) 2 Page - Welwyn Components Limited

  DSC Datasheet HTML 1Page - Welwyn Components Limited DSC Datasheet HTML 2Page - Welwyn Components Limited DSC Datasheet HTML 3Page - Welwyn Components Limited DSC Datasheet HTML 4Page - Welwyn Components Limited DSC Datasheet HTML 5Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Double Sided
Chip Resistors
DSC Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 01.06
Welwyn Components
Maximum
Typical
Load at rated power: 1000 hours at 70°C
∆R%
1
0.25
Derating from rated power at 70°C
Zero at 155°C
Overload: 6.25 x rated power for 2 seconds
∆R%
1
0.1
Shelf life test: 12 months at room temperature
∆R%
0.1
0.02
Dry heat: 1000 hours at 155°C
∆R%
1
0.2
Long term damp heat
∆R%
1
0.25
Temperature rapid change
∆R%
0.25
0.05
Resistance to solder heat
∆R%
0.25
0.05
Performance Data
Note: A 0.01 Ohm addition to be added to the performance of all resistors <10 Ohms.
Pulse Performance Data
Lightning Surge
Resistors have been tested in
accordance with IEC 60 115-1 using
both 1.2/50µs and 10/700µs pulse
shapes. Also, the 2512 size has
been tested to the Bellcore GR1089
2/10µs and 10/1000µs pulse shapes.
The limit of acceptance is a shift
in resistance of less than 1% from
the initial value.
10,000
1,000
100
10
1
10
100
1,000
10,000
100,000
1,000,000 10,000,000
1.2/50µs Lightning Surge
Value (Ohms)
1206
2010
2512
1206
2010
2512
10,000
1,000
100
10
10
100
1,000
10,000
100,000
1,000,000
10,000,000
10/700µs Lightning Surge
Value (Ohms)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com