Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSC Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # DSC
Description  Double-Sided Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

DSC Datasheet(HTML) 3 Page - Welwyn Components Limited

  DSC Datasheet HTML 1Page - Welwyn Components Limited DSC Datasheet HTML 2Page - Welwyn Components Limited DSC Datasheet HTML 3Page - Welwyn Components Limited DSC Datasheet HTML 4Page - Welwyn Components Limited DSC Datasheet HTML 5Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Double Sided
Chip Resistors
DSC Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 01.06
Welwyn Components
Single Pulse
The single impulse graph is the
result of 50 impulses of rectangular
shape applied at one-minute
intervals. The limit of acceptance
was a shift in resistance of less
than 1% from the initial value.
Continuous Load Due
to Repetitive Pulses
The continuous load graph was
obtained by applying repetitive
rectangular pulses where the pulse
period was adjusted so that the
average power dissipated in the
resistor was equal to its rated power
at 70°C. Again the limit of acceptance
was a shift in resistance of less than
1% from the initial value.
2/10us
10/1000us
10,000
1,000
100
1
10
100
1,000
10,000
100,000
1,000,000
10,000,000
DSC2512 - Bellcore GR1089 Lightning Surge
Value (Ohms)
1206
2010
2512
1,000
100
10
1
0.0001
0.001
0.01
0.1
1
Single Pulse
Pulse Duration (s)
1206
2010
2512
1,000
100
10
1
0.0001
0.001
0.01
0.1
1
Continuous Pulses
Pulse Duration (s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com