Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2 Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # EMC2
Description  Pulse Withstanding Fusible Flameproof Metal Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

EMC2 Datasheet(HTML) 1 Page - Welwyn Components Limited

  EMC2 Datasheet HTML 1Page - Welwyn Components Limited EMC2 Datasheet HTML 2Page - Welwyn Components Limited EMC2 Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Pulse Withstanding Fusible
Flameproof Metal Film Resistors
EMC Series
• UL1412 recognised*
• Failsafe 240V mains fusing
• Good pulse handling capability
• Small size for power rating
•
UL94-V0 flameproof protection
* Values 22R and above. UL file number E234469
Electrical Data
EMC2
Power rating at 70
°C
Watts
2
Resistance range
Ohms
4R7 – 68R
TCR (25 to 75
°C)
ppm/
°C
100
Isolation Voltage
Volts
500
Resistance Tolerance
%
10, 20
Standard Values
E12
Thermal Impedance
°C/Watt
82
Ambient temperature range
°C
-55 to +155
Physical Data
Dimensions (mm) & Weight (g)
Type
L max
D max
f min
d nom
PCB mount centres
Min bend radius
Wt. nom
EMC2
10
4
27
0.8
18.4
1.2
0.55
Construction
The metal film is deposited onto a high purity ceramic rod. End caps are force fitted and termination wires are welded
to the end caps. Finally, a cement protection is applied to the resistor body prior to marking with indelible ink. The
cement protection is applied in a manner that leaves the terminations completely clear. This permits a well-defined
body length (clean lead to clean lead dimension L).
Terminations
Material:
Solder-coated copper wire
Strength:
The terminations meet the requirements of IEC 68.2.21
Solderability:
The terminations meet the requirements of IEC 115-1 Clause 4.17.3.2
Solvent Resistance
The body protection and marking are resistant to all normal industrial cleaning solvents suitable for printed circuits.
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own test data and is considered accurate at time of print.
©Welwyn Components Limited
Welwyn Electronics Park, Bedlington, Northumberland, NE22 7AA, England. Tel: 01670 822181 Fax: 01670 829465 Web: www.welwyn-tt.com
A subsidiary of TT electronics plc
L
f
D
d


Similar Part No. - EMC2

ManufacturerPart #DatasheetDescription
logo
Rohm
EMC2 ROHM-EMC2 Datasheet
54Kb / 3P
Power management (dual digital transistor)
logo
Infineon Technologies A...
EMC2-22RKI INFINEON-EMC2-22RKI Datasheet
2Mb / 23P
Phase Cut Dimmable Non-isolated Buck Converter for LED Retrofit Bulb with
Revision 1.1, 2012 -08 -03
logo
List of Unclassifed Man...
EMC20DRAF ETC1-EMC20DRAF Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
EMC20DRAH ETC1-EMC20DRAH Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
EMC20DRAI ETC1-EMC20DRAI Datasheet
177Kb / 2P
.100 [2.54mm] CONTACT CENTERS, 431 INSULATOR HEIGHT
More results

Similar Description - EMC2

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
FA025 WELWYN-FA025 Datasheet
93Kb / 2P
Flameproof Metal Film Resistors
MFP WELWYN-MFP Datasheet
394Kb / 2P
Flameproof Power Metal Film Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
FLAMEPROOF POWER METAL FILM RESISTORS
logo
Vishay Siliconix
FP000520K0J9500LB VISHAY-FP000520K0J9500LB Datasheet
241Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
Flameproof Power Metal Film Resistors
logo
Vishay Siliconix
CMFFUSE VISHAY-CMFFUSE Datasheet
108Kb / 3P
Metal Film Resistors, Special Purpose, Fusible, Flameproof
FP VISHAY-FP Datasheet
234Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
PR02-FS VISHAY-PR02-FS Datasheet
164Kb / 8P
High Pulse, Fusible, Non-Inductive, Flameproof, Metal Film Resistor
15-Feb-17
logo
TT Electronics.
EMC TTELEC-EMC Datasheet
518Kb / 4P
Pulse Withstanding Fusible Flameproof Metal Film Resistors
logo
WALSIN TECHNOLOGY CORPO...
WFXXQ_S WALSIN-WFXXQ_S Datasheet
1Mb / 11P
Thin Film Pulse Withstanding Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com