Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2 Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # EMC2
Description  Pulse Withstanding Fusible Flameproof Metal Film Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

EMC2 Datasheet(HTML) 3 Page - Welwyn Components Limited

  EMC2 Datasheet HTML 1Page - Welwyn Components Limited EMC2 Datasheet HTML 2Page - Welwyn Components Limited EMC2 Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Application Notes
1. If the resistors are to dissipate full rated power, it is recommended that the terminations should not be soldered
closer than 4mm from the body.
2. Due to operating temperature limits imposed by some PCB materials, derating may be necessary. An estimate of
the temperature rise to be expected can be calculated using the thermal impedance figures given under Electrical
Data.
3. To protect against fire under all conditions of overload, a positive clearance of at least 13mm should be provided
between the body of the resistor and any combustible materials.
3. EMC resistors can also be supplied loose packed with radial, goalpost or lancet pre-formed leads, tape packed with
radial pre-formed leads, or in blister tape with Z-formed leads for SMD mounting. Consult factory for details.
Packaging
Our standard packaging for EMC is taped and boxed. The critical dimensions are shown in Figure 1. The component
wires will not protrude beyond the outside edge of the tapes. Alternative packaging is available by request.
Dimensions
mm
EMC2
B
68
C
5
Standard Quantities per Package
Type
EMC2
Ammo pack
2000
Ordering Procedure
Specify type reference, value and tolerance as shown in this example of EMC2 at 33
Ω, 20%:
EMC2 -
33R
M
Type
Value (use IEC62 code)
Tolerance (use IEC 62 code)
K
10%
M
20%
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own test data and is considered accurate at time of print.
©Welwyn Components Limited
Welwyn Electronics Park, Bedlington, Northumberland, NE22 7AA, England. Tel: 01670 822181 Fax: 01670 829465 Web: www.welwyn-tt.com
Issue I 03/07/03 SJO
A subsidiary of TT electronics plc
b
f1
f2
Figure 1
Body location f1-f2 < 1.4mm
6
6
c



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com