Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA05 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # FA05
Description  Flameproof Metal Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

FA05 Datasheet(HTML) 2 Page - Welwyn Components Limited

  FA05 Datasheet HTML 1Page - Welwyn Components Limited FA05 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Flameproof Power
Metal Film Resistors
FA Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 03.02
Welwyn Components
146
Application Notes
1. If the resistors are to dissipate full rated power, it is
recommended that the terminations should not be
soldered closer than 4mm from the body.
2. Due to operating temperature limitations imposed by some
pcb materials, derating may be necessary. An estimate of
the temperature rise to be expected can be calculated using
the thermal impedance figures given under Electrical Data.
b
f1
f2
6
6
c
Body Location f1 – f2
≤ 1.4 mm
Packaging
All FA Series resistors are normally supplied tape packed ready
for loading onto automatic sequencing and insertion
machines.
Component wires will not protrude beyond the outside edge
of the tapes.
Alternative packaging available by request.
Lead Formed resistors can also be supplied. Standard options
of Lancet, Radial and Goalpost forming are shown in Lead
Form Information section.
Marking
Resistors are colour coded with 4 bands.
IEC 62 colours are used.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Flammability
The resistors will not burn or emit incandescent particles
under any condition of applied temperature or power
overload.
Construction
The resistance element is a precisely controlled thin film of
metal alloy on a high purity ceramic core, protected by a
cement coating applied so that terminations remain
completely clear.
This permits a well defined body length, (clean lead to clean
lead dimension L).
Terminations
Material
Solder-coated copper wire.
Strength
The terminations meet the requirements of
IEC 68.2.21
Solderability
The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2
CECC 40101-019/40101-024
Actual Performance
Requirements
Maximum
Typical
Load at commercial rating: 1000 hrs at 70°C
∆R %
not specified
3
1
Load at CECC rating: 1000 hrs at 70°C
2
2
1
Load at 35% rated power: 1000 hrs at 125°C
∆R %
2
1
0.7
Dry heat: 1000 hours at 155°C
∆R %
not specified
1
0.7
Shelf life: 12 months at room temperature
∆R %
not specified
0.5
0.5
Derating
35% of rated power at 125°C
zero at 235°C
Short term overload
∆R %
0.5
0.2
0.02
Climatic
∆R %
2
0.5
0.5
Climatic category
∆R %
55/125/56
55/125/56
Long term damp heat
∆R %
2
2
0.5
Temperature rapid change
∆R %
0.5
0.25
0.05
Resistance to solder heat
∆R %
0.5
0.25
0.07
Vibration and bump
∆R %
0.5
0.1
0.01
Performance Data
Type
FA025
FA05
FA1
FA94
Large ammo pack
5000
2500
1000
1000
Standard Quantities Per Package
Type
b
c
FA025/FA05
52
5
FA1
67
10
FA94
77
10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com