Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA05 Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # FA05
Description  Flameproof Metal Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

FA05 Datasheet(HTML) 1 Page - Welwyn Components Limited

  FA05 Datasheet HTML 1Page - Welwyn Components Limited FA05 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Flameproof Metal
Film Resistors
FA Series
• Approval to BS CECC 40101-019
and 40101-024
• Resistance range 0.1 ohm to 1M ohm
• Flameproof protection
FA025
FA05
FA1
FA94
Power rating at 70°C
watts
0.5
1.0
1.5
2.0
Resistance range
ohms
0R1 to 1M
0R1 to 1M
0R1 to 1M
2R6 to 1M0
Limiting element voltage
volts
350
350
500
700
Isolation voltage
volts
500
500
700
1000
TCR
ppm/°C
150
Resistance tolerance
%
≤1 ohm: 5, 10 >1 ohm: 1, 2, 5
Ambient temperature range
°C
-55 to 155
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
* Approved CECC 40101-019 / 40101-024
FX
EX
DX
CX
Power rating at 70°C
watts
0.25
0.5
1.0
2.0
Resistance range
ohms
1 to 1M
1 to 1M
1 to 1M
10 to 100k
Limiting element voltage
volts
250
350
500
700
Isolation voltage
volts
500
700
1000
1400
**TCR
ppm/°C
250
Resistance tolerance
%
1, 2, 5
Ambient temperature range
°C
-55 to 125
Standard values
E24 preferred
Thermal impedance
°C/watt
140
110
90
60
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
145
*These specificatios are identical except that BS CECC 40101-024 includes flammability tests.
**Specification TCR - actual TCR as for commercial.
L
D
f
d
Dimensions (mm) & Weight (g)
PCB
Min.
mounting
bend
Type
L Max
D Max
f min
d nom
centres
radius
Wt.nom
FA025
6.2
2.5
21.0
0.6
10.2
0.6
0.3
FA05
9.0
3.6
19.6
0.8
12.7
1.2
0.5
FA1
14.5
5.3
23.6
0.8
20.3
1.2
1.1
FA94
13.1
5.9
29.5
0.8
19.5
1.2
1.1
Physical Data


Similar Part No. - FA05

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
FA05 TTELEC-FA05 Datasheet
658Kb / 3P
Flameproof Metal Film Resistors
03.02
logo
C&K Components
FA0502QE CK-COMPONENTS-FA0502QE Datasheet
199Kb / 4P
Miniature ROTA-SLIDE짰 Rotary Switches
logo
ITT Industries
FA0508RN02B ITT-FA0508RN02B Datasheet
231Kb / 4P
Miniature ROTA-SLIDE Rotary Switches
FA0508RN02BE ITT-FA0508RN02BE Datasheet
231Kb / 4P
Miniature ROTA-SLIDE Rotary Switches
logo
C&K Components
FA0508RN02BE CK-COMPONENTS-FA0508RN02BE Datasheet
219Kb / 4P
Miniature ROTA-SLIDE Rotary Switches
More results

Similar Description - FA05

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CCF02 VISHAY-CCF02 Datasheet
272Kb / 3P
Metal Film Resistors, Industrial Power, Flameproof
02-Feb-06
logo
Welwyn Components Limit...
MFP WELWYN-MFP Datasheet
394Kb / 2P
Flameproof Power Metal Film Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
FLAMEPROOF POWER METAL FILM RESISTORS
logo
Vishay Siliconix
CPF21K2000FKE14 VISHAY-CPF21K2000FKE14 Datasheet
242Kb / 3P
Metal Film Resistors, Industrial Power, Flameproof
05-Oct-05
CPF350R000FKE36 VISHAY-CPF350R000FKE36 Datasheet
99Kb / 3P
Metal Film Resistors, Industrial Power, Precision, Flameproof
11-Mar-10
FP000520K0J9500LB VISHAY-FP000520K0J9500LB Datasheet
241Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
Flameproof Power Metal Film Resistors
logo
Vishay Siliconix
CCF02 VISHAY-CCF02_15 Datasheet
144Kb / 3P
Metal Film Resistors, Industrial Power, Flameproof
15-Nov-12
CPF VISHAY-CPF Datasheet
98Kb / 4P
Metal Film Resistors, Industrial Power, Precision, Flameproof
11-Sep-13
FP VISHAY-FP Datasheet
234Kb / 5P
Metal Film Resistors, Industrial, Flameproof
01-Feb-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com