Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9212-13 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9212-13
Description  Direct Rambus??Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9212-13 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9212-13 Datasheet HTML 1Page - Integrated Circuit Systems ICS9212-13 Datasheet HTML 2Page - Integrated Circuit Systems ICS9212-13 Datasheet HTML 3Page - Integrated Circuit Systems ICS9212-13 Datasheet HTML 4Page - Integrated Circuit Systems ICS9212-13 Datasheet HTML 5Page - Integrated Circuit Systems ICS9212-13 Datasheet HTML 6Page - Integrated Circuit Systems ICS9212-13 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ICS9212- 13
0272F—08/08/07
General Layout Precautions:
1) Use a ground plane on the top layer of
the PCB in all areas not used by traces.
2) Make all power traces and vias as wide
as possible to lower inductance.
Connections to VDD:
Capacitor Values:
C3 : 100pF ceramic
All unmarked capacitors are 0.01µF ceramic
Recommended Layout



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com