Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9212-13 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9212-13
Description  Direct Rambus??Clock Generator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9212-13 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS9212-13 Datasheet HTML 1Page - Integrated Circuit Systems ICS9212-13 Datasheet HTML 2Page - Integrated Circuit Systems ICS9212-13 Datasheet HTML 3Page - Integrated Circuit Systems ICS9212-13 Datasheet HTML 4Page - Integrated Circuit Systems ICS9212-13 Datasheet HTML 5Page - Integrated Circuit Systems ICS9212-13 Datasheet HTML 6Page - Integrated Circuit Systems ICS9212-13 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
ICS9212-13
0272F—08/08/07
150 mil SSOP Package
L
O
B
M
Y
S
N
O
M
M
O
C
S
N
O
I
S
N
E
M
I
D
S
N
O
I
T
A
I
R
A
VD
S
.
N
I
M.
M
O
N.
X
A
M.
N
I
M.
M
O
N.
X
A
M.
N
I
M.
M
O
N.
X
A
MN
A1
6
0
.4
6
0
.8
6
0
.A
A9
8
1
.4
9
1
.6
9
1
.0
2
0
0
.5
4
0
0
.6
7
0
0
.6
1
1
A4
0
0
.6
0
0
.8
9
0
0
.B
A7
3
3
.2
4
3
.4
4
3
.0
0
5
0
.5
2
5
0
.0
5
5
0
.0
2
2
A5
5
0
.8
5
0
.1
6
0
.C
A7
3
3
.2
4
3
.4
4
3
.0
5
2
0
.5
7
2
0
.0
0
3
0
.4
2
B8
0
0
.0
1
0
.2
1
0
.D
A6
8
3
.1
9
3
.3
9
3
.0
5
2
0
.0
8
2
0
.0
0
3
0
.8
2
C5
7
0
0
.8
0
0
.8
9
0
0
.
DS
N
O
I
T
A
I
R
A
V
E
E
S
E0
5
1
.5
5
1
.7
5
1
.
eC
S
B
5
2
0
.
H0
3
2
.6
3
2
.4
4
2
.
L0
1
0
.3
1
0
.6
1
0
.
NS
N
O
I
T
A
I
R
A
V
E
E
S
SS
N
O
I
T
A
I
R
A
V
E
E
S
∝
°
0°
5°
8
X5
8
.
03
9
.
00
0
1
.
Diminisions are in inches
Ordering Information
ICS9212yF-13LF
Example:
Designation for tape and reel packaging
Lead Free, RoHS Compliant (Optional)
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Package Type
F = SSOP
Revision Designator (will not correlate with datasheet revision)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS = Standard Device
ICS XXXX y F - PPLF T



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com