Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRCS0603-R025FT10 Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # LRCS0603-R025FT10
Description  SMALL SIZE LOW VALUE CURRENT SENSE SURFACE MOUNT CHIP RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

LRCS0603-R025FT10 Datasheet(HTML) 1 Page - Welwyn Components Limited

  LRCS0603-R025FT10 Datasheet HTML 1Page - Welwyn Components Limited LRCS0603-R025FT10 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A subsidiary of
TT electronics plc
Issue C . 11.06
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
Small Size Low Value Current Sense
Surface Mount Chip Resistors
0402, 0603 and 0805 sizes (larger sizes refer to our LRF Series)
Resistance R020 (20m ) to 1R0 (1000m )
Designed for current sensing in power electronic systems
RoHS compliant
Resistance range
ohms
Power rating @70°C
watts
TCR
ppm/°C
0.063
1(F), 5(J)
E24 preferred
-55 to +155
Resistance tolerance
%
Ambient temperature range
°C
Standard values
LRCS0402
Isolation voltage
volts
0.1
LRCS0603
LRCS0805
0.125: R02 to <R10
0.25: R10 to 1R0
R05 to 1R0
R02 to 1R0
R02 to 1R0
50V
100V
200V
±400: R05 – R10
±300: R101 – R50
±200: R501 – 1R0
±600: R02 – R05
±400: R051 – R10
±300: R101 – R50
±200: R501 – 1R0
±600: R02 – R05
±400: R051 – R10
±300: R101 – R50
±200: R501 – 1R0
D1
T
W
L
1.00 ±0.05
LRCS0402
LRCS0603
LRCS0805
D2
Nom wt. (g)
0.50 ±0.10
0.32 ±0.10
0.25 ±0.10
0.20 ±0.10
0.0007
1.60 ±0.10
0.80 ±0.10
0.45 ±0.10
0.30 ±0.20
0.30 ±0.20
0.002
2.00 ±0.15
1.25 ±0.15
0.55 ±0.10
0.30 ±0.20
0.40 ±0.25
0.005
All dimensions in mm unless stated.
Construction
A resistor element is applied to an alumina substrate. The product is adjusted to
value and protected. Marking is applied to 0603 and 0805 sizes. A wraparound
conductor is applied to join the top and bottom sides. The terminations are
electroplated with a Ni barrier layer prior to plating with a Sn finish.
Solvent Resistance
The body protection and marking are resistant to all normal industrial solvents
suitable for printed circuits.
Flammability
The resistor will not burn or emit incandescent particles under any condition of
applied temperature or overload.
Solderability
95% min coverage (MIL-STD 202F / 208H, 235C 2 secs)
Electrical Data
Physical Data
LRCS Series


Similar Part No. - LRCS0603-R025FT10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LRCS0603-0R1FT5 ETC2-LRCS0603-0R1FT5 Datasheet
364Kb / 2P
small size low value current sense surface mount chip resistors
More results

Similar Description - LRCS0603-R025FT10

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SL1TTE KOA-SL1TTE Datasheet
102Kb / 2P
surface mount molded current sense resistors
logo
IRC - a TT electronics ...
LVC-LVC0402LF-R020-F IRCTT-LVC-LVC0402LF-R020-F Datasheet
247Kb / 4P
Miniature Current Sense Surface Mount Chip Resistors
logo
KOA Speer Electronics, ...
SL1TTE20L0F KOA-SL1TTE20L0F Datasheet
284Kb / 2P
surface mount molded current sense resistors
SL1TTE13L0F KOA-SL1TTE13L0F Datasheet
281Kb / 2P
Surface mount molded current sense resistors
logo
List of Unclassifed Man...
LRCS0603-0R1FT5 ETC2-LRCS0603-0R1FT5 Datasheet
364Kb / 2P
small size low value current sense surface mount chip resistors
logo
KOA Speer Electronics, ...
SL3TTER100F KOA-SL3TTER100F Datasheet
382Kb / 4P
surface mount molded current sense resistors
SL1TTE51L0F KOA-SL1TTE51L0F Datasheet
327Kb / 3P
surface mount molded current sense resistors
SLW07 KOA-SLW07 Datasheet
575Kb / 2P
surface mount molded current sense resistors
TSL KOA-TSL Datasheet
453Kb / 3P
surface mount molded current sense resistors
logo
Vishay Siliconix
SR VISHAY-SR Datasheet
80Kb / 3P
Wirewound Resistors, Open Air, Current Sense, Low Value
12-Dec-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com