Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRCS0603-R025FT10 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # LRCS0603-R025FT10
Description  SMALL SIZE LOW VALUE CURRENT SENSE SURFACE MOUNT CHIP RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

LRCS0603-R025FT10 Datasheet(HTML) 2 Page - Welwyn Components Limited

  LRCS0603-R025FT10 Datasheet HTML 1Page - Welwyn Components Limited LRCS0603-R025FT10 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Packaging
The standard packing for LRCS parts is on 8mm wide paper tape wound on 178mm diameter reels.
Ordering Procedure
Example: LRCS0603 at 25 milliohms and 1% tolerance on reel of 5000 pieces:
Marking
The LRCS0402 is not marked, the LRCS0603 is marked with 3 digits and LRCS0805 with 4 digits.
e.g. 100
m is marked as R10 (3digit) and R100 (4digit) and 35 m is marked as 035 (3digit) or R035 (4digit)
LRCS0603 – R 0 2 5 F T5
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
F1%
Packing
T10
Type
LRCS0402
A
B
0.6
Issue C . 11.06
© Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
Mounting
C
LRCS0603
LRCS0805
1.0
1.0
0.4
0.7
0.8
0.50±0.2
1.00±0.2
1.30±0.2
A
B
C
Load at rated power (1000hrs cyclic load at 70°C)
R%
±1% + 0.05
De-rating from rated power at 70°C
See Graph
Short term overload (6.25 x rated power for 5s)
R%
±0.5% + 0.05
±1% + 0.05 (0.25W LRCS0805 rating)
Dry heat (96Hrs, no load, +155°C)
R%
±0.5% + 0.05
Temperature rapid change (-55 / +150ºC, 100 cycles)
R%
±0.5% + 0.05
Damp heat steady state
R%
±0.5% + 0.05
Resistance to solder heat (260ºC for 10s)
R%
±0.5% + 0.05
Low Temperature Operation
R%
±0.5% + 0.05
Insulation Resistance
>1000M
Maximum
J5%
T5
T5
Tape
Tape
Tape
0402
0603
0805
10,000 / reel
5,000 / reel
5,000 / reel
100%
0%
-55
70
155
T°C
Power de-rating graph
LRCS Series
Performance Data



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com